Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CSC Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CSC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CSC Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CSC Datasheet HTML 111Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 112Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 113Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 114Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 115Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 116Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 117Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 118Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 134 page
background image
Appendix A Electrical Characteristics
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
115
Figure 12-14. Typical VOL vs. VDD at IOL=2mA
A.6
Supply Current Characteristics
Table A-5. Supply Current Characteristics
Parameter
Symbol
VDD (V)
Typical1
Max2
Temp. (
°C)
Run supply current
3
measured at
(fBus = 10 MHz)
RIDD10
5
5.6 mA
5.8 mA
6.5 mA
25
85
3
4.7 mA
4.8 mA
5.5 mA
25
85
1.8
2.3 mA
2.4 mA
3 mA
25
85
Run supply current
3
measured at
(fBus = 1.25 MHz)
RIDD1
5
1 mA
1.1 mA
1.5 mA
25
85
3
0.9 mA
0.95 mA
1.2 mA
25
85
1.8
0.6 mA
0.62 mA
0.8 mA
25
85
Stop mode supply current
SI
DD
5
1
μA
3
μA
2
μA
5
μA
25
85
3
0.9
μA
2.5
μA
2
μA
5
μA
25
85
1.8
0.7
μA
2
μA
2
μA
4
μA
25
85
Bandgap buffer adder from stop
(BGBE = 1)
—
5
20
μA
30
μA
25
85
3
20
μA
30
μA
25
85
1.8
20
μA
30
μA
25
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com