Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CSC Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CSC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CSC Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CSC Datasheet HTML 113Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 114Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 115Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 116Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 117Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 118Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 119Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 120Page - Freescale Semiconductor, Inc SC9RS08KA2J3CSC Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 134 page
background image
Appendix A Electrical Characteristics
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
117
Figure 12-15. Typical Run IDD vs. VDD for FEI mode
A.7
Analog Comparator (ACMP) Electricals
A.8
Internal Clock Source Characteristics
Table A-6. Analog Comparator Electrical Specifications
Characteristic
Symbol
Min
Typical
Max
Unit
Supply voltage
VDD
1.80
—
5.5
V
Analog input voltage
VAIN
VSS – 0.3
—
VDD
V
Analog source impedance
RAS
——
10
k
Ω
Analog input offset voltage1
1 These data are characterized but not production tested. Measurements are made with the device entered STOP mode.
VAIO
—20
40
mV
Analog Comparator hysteresis1
VH
3.0
9.0
15.0
mV
Analog Comparator bandgap reference voltage1
VBG
1.155
1.190
1.230
V
Supply current (active)1
IDDAC
—20
35
μA
Analog input leakage current1
IALKG
——
1.0
μA
Analog Comparator initialization delay1
tAINIT
——
1.0
μs
Table A-7. Internal Clock Source Specifications
Characteristic
Symbol
Min
Typ1
Max
Unit
Average internal reference frequency — factory trimmed at
VDD = 5 V and temperature = 25°C
fint_ft
—20—
MHz
Average internal reference frequency - untrimmed
fint_ut
25
31.25
41.66
kHz
Average internal reference frequency - trimmed
fint_t
31.25
31.25
39.0625
kHz
DCO output frequency range - untrimmed
fdco_ut
12.8
16
21.33
MHz
DCO output frequency range - trimmed
fdco_t
16
16
20
MHz
Resolution of trimmed DCO output frequency
at fixed voltage and temperature
Δf
dco_res_t
——
±0.2
%fdco
Total deviation of trimmed DCO output frequency
over voltage and temperature
Δf
dco_t
——
±2
%fdco
FLL acquisition time2,3
tacquire
——
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com