Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA1J3CSC Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1J3CSC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1J3CSC Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1J3CSC Datasheet HTML 18Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 19Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 20Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 21Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 22Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 23Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 24Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 25Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 134 page
background image
Chapter 3 Modes of Operation
SC9RS08KA2 Series Data Sheet, Rev. 1
22
Freescale Semiconductor
•
When a BDC breakpoint is encountered
After active background mode is entered, the CPU is held in a suspended state waiting for serial
background commands rather than executing instructions from the user application program.
Background commands are of two types:
•
Non-intrusive commands, defined as commands that can be issued while the user program is
running, can be issued through the BKGD pin while the MCU is in run mode. Non-intrusive
commands can also be executed when the MCU is in the active background mode. Non-intrusive
commands include:
— Memory access commands
— Memory-access-with-status commands
— BACKGROUND command
•
Active background commands, which can be executed only while the MCU is in active background
mode, include commands to:
— Read or write CPU registers
— Trace one user program instruction at a time
— Leave active background mode to return to the user application program (GO)
Active background mode is used to program user application code into the Flash program memory before
the MCU is operated in run mode for the first time. When the SC9RS08KA2 Series is shipped from the
Freescale Semiconductor factory, the Flash program memory is usually erased so there is no program that
could be executed in run mode until the Flash memory is initially programmed. The active background
mode can also be used to erase and reprogram the Flash memory after it has been previously programmed.
For additional information about the active background mode, refer to the Development Support chapter
of this data sheet.
3.5
Wait Mode
Wait mode is entered by executing a WAIT instruction. Upon execution of the WAIT instruction, the CPU
enters a low-power state in which it is not clocked. The program counter (PC) is halted at the position
where the WAIT instruction is executed. When an interrupt request occurs:
1. MCU exits wait mode and resumes processing.
2. PC is incremented by one and fetches the next instruction to be processed.
It is the responsibility of the user program to probe the corresponding interrupt source that woke the MCU,
because no vector fetching process is involved.
While the MCU is in wait mode, not all background debug commands can be used. Only the
BACKGROUND command and memory-access-with-status commands are available when the MCU is in
wait mode. The memory-access-with-status commands do not allow memory access, but they report an
error indicating that the MCU is in either stop or wait mode. The BACKGROUND command can be used
to wake the MCU from wait mode and enter active background mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com