Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA1J3CSC Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1J3CSC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1J3CSC Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1J3CSC Datasheet HTML 12Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 13Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 14Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 15Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 16Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 17Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 18Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 19Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 134 page
background image
Chapter 1 SC9RS08KA2 Series Device Overview
SC9RS08KA2 Series Data Sheet, Rev. 1
16
Freescale Semiconductor
Table 1-1 provides the functional versions of the on-chip modules.
1.3
System Clock Distribution
Figure 1-2. System Clock Distribution Diagram
Figure 1-2 shows a simplified clock connection diagram for the MCU. The bus clock frequency is half of
the ICS output frequency and is used by all of the internal modules.
Table 1-1. Block Versions
Module
Version
Analog Comparator (ACMP)
1
Keyboard Interrupt (KBI)
1
Modulo Timer (MTIM)
1
Internal Clock Source (ICS)
1
MTIM
BDC
FLASH
ICS
BDC
BDC
CPU
SYSTEM CONTROL LOGIC
RTI
RTICLKS
1-kHz
÷2
ICSOUT
ICSFFCLK
ICSIRCLK
FIXED CLOCK (XCLK)
BUS CLOCK
TCLK
COP
÷32
÷2
SYNC
1 The fixed clock (XCLK) is internally synchronized to the bus clock and must not exceed one half of the
bus clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com