Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA1J3CSC Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1J3CSC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1J3CSC Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1J3CSC Datasheet HTML 31Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 32Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 33Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 34Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 35Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 36Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 37Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 38Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 134 page
background image
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
35
Chapter 5
Resets, Interrupts, and General System Control
5.1
Introduction
This chapter discusses basic reset and interrupt mechanisms and the various sources of reset and interrupt
in the SC9RS08KA2 Series. Some interrupt sources from peripheral modules are discussed in greater
detail within other chapters of this data sheet. This chapter gathers basic information about all reset and
interrupt sources in one place for easy reference. A few reset and wakeup sources, including the computer
operating properly (COP) watchdog and real-time interrupt (RTI), are not part of on-chip peripheral
systems with their own chapters but are part of the system control logic.
5.2
Features
Reset and interrupt features include:
•
Multiple sources of reset for flexible system configuration and reliable operation
•
System reset status register (SRS) to indicate the source of the most recent reset
•
System interrupt pending register (SIP1) to indicate the status of pending system interrupts
— Analog comparator interrupt with enable
— Keyboard interrupt with enable
— Low-voltage detect interrupt with enable
— Modulo timer interrupt with enable
— Real-time interrupt with enable; available in stop with multiple rates based on a separate 1-kHz
self-clocked source
5.3
MCU Reset
Resetting the MCU provides a way to start processing from a known set of initial conditions. During reset,
most control and status registers are forced to initial values and the program counter is started from
location $3FFD. A JMP instruction (opcode $BC) with operand located at $3FFE–$3FFF must be
programmed into the user application for correct reset operation. The operand defines the location at which
the user program will start. On-chip peripheral modules are disabled and I/O pins are initially configured
as general-purpose high-impedance inputs with pullup/pulldown devices disabled.
The SC9RS08KA2 Series has seven sources for reset:
•
External pin reset (PIN) — enabled using RSTPE in SOPT
•
Power-on reset (POR)
•
Low-voltage detect (LVD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com