Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA1J3CSC Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1J3CSC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1J3CSC Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1J3CSC Datasheet HTML 94Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 95Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 96Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 97Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 98Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 99Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 100Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 101Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 102Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 134 page
background image
Chapter 12 Development Support
SC9RS08KA2 Series Data Sheet, Rev. 1
98
Freescale Semiconductor
•
BDC_RESET command allows host to reset MCU without using a reset pin
•
One hardware address breakpoint built into BDC
•
RS08 clock source runs in stop mode if BDM enabled to allow debugging when CPU is in stop
mode
•
COP watchdog suspended while in active background mode
12.3
RS08 Background Debug Controller (BDC)
All MCUs in the RS08 Family contain a single-wire background debug interface which supports in-circuit
programming of on-chip non-volatile memory and sophisticated debug capabilities. Unlike debug
interfaces on earlier 8-bit MCUs, this debug system provides for minimal interference with normal
application resources. It does not use any user memory or locations in the memory map. It requires use of
only the output-only BKGD pin. This pin will be shared with simple user output-only functions (typically
port, comparator outputs, etc.), which can be easily debugged in normal user mode.
RS08 BDM commands are divided into two groups:
•
Active background mode commands require that the target MCU is in active background mode (the
user program is not running). The BACKGROUND command causes the target MCU to enter
active background mode. Active background mode commands allow the CPU registers to be read
or written and allow the user to trace one (TRACE1) user instruction at a time or GO to the user
program from active background mode.
•
Non-intrusive commands can be executed at any time even while the user program is running.
Non-intrusive commands allow a user to read or write MCU memory locations or access status and
control registers within the background debug controller (BDC).
Typically, a relatively simple interface pod is used to translate commands from a host computer into
commands for the custom serial interface to the single-wire background debug system. Depending on the
development tool vendor, this interface pod may use a standard RS-232 serial port, a parallel printer port,
or some other type of communication such as Ethernet or a universal serial bus (USB) to communicate
between the host PC and the pod.
Figure 12-2 shows the standard header for connection of a RS08 BDM pod. A pod is a small interface
device that connects a host computer such as a personal computer to a target RS08 system. BKGD and
GND are the minimum connections required to communicate with a target MCU. The pseudo-open-drain
RESET signal is included in the connector to allow a direct hardware method for the host to force or
monitor (if RESET is available as output) a target system reset.
The RS08 BDM pods supply the VPP voltage to the RS08 MCU when in-circuit programming is required.
The VPP connection from the pod is shared with RESET as shown in Figure 12-2. For VPP requirements
see the FLASH specifications in the electricals appendix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com