Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA1J3CSC Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA1J3CSC
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA1J3CSC Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA1J3CSC Datasheet HTML 67Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 68Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 69Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 70Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 71Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 72Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 73Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 74Page - Freescale Semiconductor, Inc SC9RS08KA1J3CSC Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 134 page
background image
Chapter 8 Central Processor Unit (RS08CPUV1)
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
71
LDX #opr8i (1)
LDX opr8a (1)
LDX ,X (1)
Load Index Register from
Memory
$0F
← (M)
—
IMD
DIR
IX
3E
4E
4E
ii 0F
dd 0F
0E 0E
4
5
5
LSLA
Logical Shift Left
INH
48
1
LSRA
Logical Shift Right
INH
44
1
MOV opr8a,opr8a
MOV #opr8i,opr8a
MOV D[X],opr8a
MOV opr8a,D[X]
MOV #opr8i,D[X]
Move
(M)destination ← (M)source
—
DD
IMD
IX/DIR
DIR/IX
IMM/IX
4E
3E
4E
4E
3E
dd dd
ii dd
0E dd
dd 0E
ii 0E
5
4
5
5
4
NOP
No Operation
None
——INH
AC
1
ORA #opr8i
ORA opr8a
ORA ,X (1)
ORA X
Inclusive OR
Accumulator and
Memory
A
← (A) | (M)
A
← (A) | (X)
—
IMM
DIR
IX
DIR
AA
BA
BA
BA
ii
dd
0E
0F
2
3
3
3
ROLA
Rotate Left through Carry
INH
49
1
RORA
Rotate Right through
Carry
INH
46
1
RTS
Return from Subroutine
Pull PC from shadow PC
——INH
BE
3
SBC #opr8i
SBC opr8a
SBC ,X (1)
SBC X
Subtract with Carry
A
← (A) – (M) – (C)
A
← (A) – (X) – (C)
IMM
DIR
IX
DIR
A2
B2
B2
B2
ii
dd
0E
0F
2
3
3
3
SEC
Set Carry Bit
C
← 1
—1
INH
39
1
SHA
Swap Shadow PC High
with A
A
⇔ SPCH
——INH
45
1
SLA
Swap Shadow PC Low
with A
A
⇔ SPCL
——INH
42
1
STA opr8a
STA opr5a
STA ,X (1)
STA X
Store Accumulator in
Memory
M
← (A)
—
DIR
SRT
IX
SRT
B7
Ex / Fx
EE
EF
dd
3
2
2
2
STX opr8a (1)
Store Index Register in
Memory
M
← (X)
— DIR
4E
0F dd
5
STOP
Put MCU into stop mode
——INH
AE
2+
Table 8-1. Instruction Set Summary (Sheet 5 of 6)
Source
Form
Description
Operation
Effect
on
CCR
ZC
1. This is a pseudo instruction supported by the normal RS08 instruction set.
2. This instruction is different from that of the HC08 and HCS08 in that the RS08 does not auto-increment the index register.
C
b0
b7
0
b0
b7
C
0
C
b0
b7
b0
b7
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com