Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33784 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 33784 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
33784
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
COMMAND SUMMARY
Refer to Table 10 for a summary of the commands
available in the 33784. The responses to these commands
are summarized in Table 11, page 26, and Table 12,
page 27. The four-bit CRC, which appended to the end of
every command and every response, has been committed.
Table 10. Command Summary
Command Names
Data (LW & ELW only)
Address
Command
Hex
Description
D7
D6
D5
D4
D3
D2
D1
D0
A3
A2
A1
A0
C3
C2
C1
C0
0
Initialization
–
BSH
BSL
OD
PA3
PA2
PA1
PA0
A3
A2
A1
A0
0
0
0
0
1
Request Status
–
–
–
–
–
–
–
–
A3
A2
A1
A0
0
0
0
1
2
Request AN0
–
–
–
–
–
–
–
–
A3
A2
A1
A0
0
0
1
0
3
I/O Control
–
L2
L1
L0
–
DR2
DR1
DR0
A3
A2
A1
A0
0
0
1
1
4
Request ID
Information
–
–
–
–
–
–
–
–
A3
A2
A1
A0
0
1
0
0
5
Request AN1
–
–
–
–
–
–
–
–
A3
A2
A1
A0
0
1
0
1
6
Reserved
–
–
–
–
–
–
–
–
A3
A2
A1
A0
0
1
1
0
7
Clear
–
–
–
–
–
–
–
–
A3
A2
A1
A0
0
1
1
1
8
Reserved
–
–
–
–
–
–
–
–
A3
A2
A1
A0
1
0
0
0
9
Reserved
–
–
–
–
–
–
–
–
A3
A2
A1
A0
1
0
0
1
A
Format Control
R/W ADDR2 ADDR1 ADDR0 DATA3 DATA2 DATA1 DATA0 A3
A2
A1
A0
1
0
1
0
B
Reserved
C
Reserved
D
Reserved
E
Reserved for test
F
Reserved
–
-
–
–
-
-
-
-
---
--
---
Legend
BSH = Controls closing of the High Side Bus Switch (1 = close).
BSL = Controls closing of the Low Side Bus Switch (1 = close).
DR[2:0] = Direction of I/O. 1 = Output.
L[2:0] = Level to output on I/O if configured as outputs.
“–” = Don’t care bit. Can be 0 or 1.
PA[3:0] = Bus Address to set the device to.
R/W = Controls if this is a read or write. Write = 1.
ADDR[2:0] = Pointer to Format Control Register that is to be accessed.
DATA[3:0] = Data to read from or write to in the pointed to Format Control
Register.
OD = Oscillator dither:
0 = no dither (default)
1 = dither



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com