Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33784 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33784 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33784
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
When an enhanced long word or short word is sent on the
bus, the 33784 will calculate a CRC as each bit is received.
The CRC is calculated using the polynomial and seed that
have been programmed into the IC via the bus. At the
conclusion of the transmission, the 33784 will compare the
calculated CRC with the CRC included within the message. If
the two match, the message is considered valid and the
33784 will act on the message accordingly. If the calculated
CRC does not match the CRC included within the message,
the 33784 will ignore the transmission and the message will
be discarded.
STANDARD DBUS RESPONSE STRUCTURE
There are two standard response lengths to correspond
with the two standard command word lengths. A standard
long response always consists of 16 data bits and 4 CRC bits.
A standard short response always consists of 8 data bits and
4 CRC bits. Refer to Table 8.
In both cases, the data bits are sent first, starting with the
MSB, and are followed by the CRC bits. The CRC bits are
calculated from the data bits using the standard polynomial
X4+1 and seed 1010. The polynomial and seed cannot be
changed when responding in standard mode.
Normally, standard long responses will be sent for
standard long commands, and standard short responses will
be sent for standard short commands. However, if a long
command is followed by a short command, then the response
to the long command will occur during the short command
and will be truncated. In this case, the response to the long
command is considered invalid.
Similarly, if a short command is followed by a long
command, then the response to the short command will occur
during the long command and will contain extra bits. In this
case the response to the short command is considered
invalid.
ENHANCED DBUS RESPONSE STRUCTURE
There are two enhanced response lengths to correspond
with the two enhanced command word lengths. Like the
standard long word, an enhanced long response always
consists of 16 data bits and 4 CRC bits. The data bits are sent
first, starting with the MSB, and are followed by the CRC bits.
The CRC bits are calculated from the data bits using the
polynomial and seed that was programmed into the IC via the
bus.
An enhanced short response consists of either 8 or 10
data bits and 4 CRC bits. The enhanced short response will
have 8 data bits if the enhanced short command did not use
the optional 2 bits, and it will have 10 data bits if the enhanced
short command did use the optional 2 bits.
In certain cases, the optional 2 bits might be used in the
command, but due to the nature of the command, the
response only contains 8 bits of data. In this circumstance,
the response will be right-padded with zeros so that 10 data
bits are sent, followed by the CRC.
In other cases, the optional 2 bits might not be used in the
command, but due to the nature of the command, the
response contains 10 bits of data. In this circumstance, the 2
least significant bits of the response data will be dropped and
only the 8 most significant data bits are sent, followed by the
CRC. This is illustrated in logic Commands and Registers,
page 18.
Table 7. Standard and Enhanced DBUS Command Structure
Word Type
Symbol First
Data
Address
Command
CRC
Last
Standard Long Word
LW
D7
D6
D5
D4
D3
D2
D1
D0
A3
A2
A1
A0
C3
C2
C1
C0
X3
X2
X1
X0
Enhanced Long Word
ELW
D7
D6
D5
D4
D3
D2
D1
D0
A3
A2
A1
A0
C3
C2
C1
C0
X3
X2
X1
X0
Standard Short Word
SW
A3
A2
A1
A0
C3
C2
C1
C0
X3
X2
X1
X0
8-Bit Enhanced Short Word
8-Bit ESW
A3
A2
A1
A0
C3
C2
C1
C0
X3
X2
X1
X0
10-Bit Enhanced Short Word 10-Bit ESW
D1
D0
A3
A2
A1
A0
C3
C2
C1
C0
X3
X2
X1
X0
Table 8. Standard and Enhanced DBUS Response Structure
Word Type
Symbol
First
Response
CRC
Last
Standard Long Word
LW
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X3
X2
X1
X0
Enhanced Long Word
ELW
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X3
X2
X1
X0
Standard Short Word
SW
D7
D6
D5
D4
D3
D2
D1
D0
X3
X2
X1
X0
8-Bit Enhanced Short Word
8-Bit ESW
D7
D6
D5
D4
D3
D2
D1
D0
X3
X2
X1
X0
10-Bit Enhanced Short Word 10-Bit ESW
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X3
X2
X1
X0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com