Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33784 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33784 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33784
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 6. DBUS Slave Logic Block Diagram
COMMUNICATION FORMAT
DBUS messages are composed of individual words
separated by a frame delay. Transfers are full duplex.
Command messages from the master occur at the same time
as responses from the slaves. Slave responses to commands
occur during the next command message. This allows slaves
time to decode the command, retrieve the information, and
prepare to send it to the master. A bus traffic example is
shown in Figure 7.
The example shows three commands separated by the
minimum frame delay followed by a command after a longer
delay.
Figure 7. Bus Traffic Example
Bus Controller
10MHz Clock
Command Buffer
CRC
Check
Latch
Data
Data Clock
Load Enable
Response Shifter
CRC Generator
Data Clock
SEL
IResponse ON
10MHz Clock
Received Message
From MASTER
DBUS Registers
INIT
REQ STATUS
REQ AN0
I/O CONTROL
REQ ID
REQ AN1
CLEAR
FORMAT CONTROL
TEST
TEST
DATA OUT [2:0]
I/O [2:0]
AD_SEL
AD_DATA [9:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com