Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33784 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33784 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33784
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
BUS SWITCHES
A high side bus switch lies between BUSIN and BUSOUT
and a low side bus switch lies between RTNIN and RTNOUT.
These switches can be opened or closed via commands on
the bus. The bus switch facilitates the daisy chain operation
of the 33784. When the switch is open, BUSIN is isolated
from BUSOUT, RTNIN is isolated from RTNOUT, and any
communication that is seen on one pin will not be transmitted
to the other. In this way, the CCU can initialize the first 33784
or any other slave device in the daisy chain and program an
address into it.
Once the first device in the daisy chain is initialized, the
bus switches can be closed, effectively shorting BUSIN to
BUSOUT, and RTNIN to RTNOUT. Now all communication
that is seen on one pin will be passed to the other. The Master
IC can send a command through the initialized device to the
next un-initialized device in the daisy chain. The process is
repeated until every device in the daisy chain has been
initialized with a unique address.
Once a device’ bus switches are closed they remain
closed except for the following conditions:
- reception of a CLEAR command
- bus lines remain below the frame threshold for longer
than the bus timeout period in which case the device will reset
and the bus switches will open.
- HCAP or VREG decay below the POR threshold for a time
exceeding the POR Mask time in which case the device will
reset and the bus switches will open.
Once the bus switches open they can only be closed again
with an initialization command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com