Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33784 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33784
Description  DSI 2.02 Sensor Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33784 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33784 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33784 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33784
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
Figure 11. Approximate ADC Conversion Timing
Figure 12. Request AN0 Command and Response Format
REQUEST AN1 COMMAND AND RESPONSE
This command causes the analog voltage on the AN1 pin
to be measured and converted by the on-chip 10-bit ADC.
The approximate timing for the conversion following this
command is shown in Figure 11, page 20. The response to
this command depends on the format in which the command
was sent. The sensor data is sent in the format shown in
Figure 12.
The 33784 will only act on this command if the address bits
in the command match the address that the device was
initialized with. If the addresses do not match, the device will
do nothing and no response will be generated.
Data
Address
Command
Word Type
––––––––
A3
A2
A1
A0
0010
LW & ELW
A3
A2
A1
A0
0010
SW & ESW (8-bit)
––
A3
A2
A1
A0
0010
ESW (10-bit)
Response
Word Type
A3
A2
A1
A0
0000
B9
B8
B7
B6
B5
B4
B3
B2
LW & ELW
B9
B8
B7
B6
B5
B4
B3
B2
SW & ESW (8-bit)
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
ESW (10-bit)
Legend
A[3:0] = Address bits. The address of the selected device.
An address value of 0000 is ignored by all devices.
“–” = Don’t care bit. Can be 0 or 1.
B[9:0] = Measured value.
BUSIN
Disabled
ADC
Conversion
Completed
Frame
Threshold
Conversion
Complete
End of
Request ANx
Command
ADC
Sampling
ADC
Enable
0.1
μs
4.4
μs
4.6
μs
13.6
μs
Not Sampling
Sampling
Enabled
1.6
μs
7.4
μs
All values are approximate and
are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com