Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5356ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5356ACPZ-R7
Description  1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5356ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADL5356ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADL5356
Rev. 0 | Page 4 of 24
5 V PERFORMANCE
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
VGS0 = VGS1 = VGS2 = 0 V, and ZO = 50 Ω, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Power Conversion Gain
Including 4:1 IF port transformer and PCB loss
7.5
8.2
8.5
dB
Voltage Conversion Gain
ZSOURCE = 50 Ω, differential ZLOAD = 200 Ω differential
14.5
dB
SSB Noise Figure
9.9
dB
SSB Noise Figure Under Blocking
5 dBm blocker present ±10 MHz from wanted RF input,
LO source filtered
21
dB
Input Third-Order Intercept (IIP3)
fRF1 = 1899.5 MHz, fRF2 = 1900.5 MHz, fLO = 1697 MHz,
each RF tone at −10 dBm
25
31
dBm
Input Second-Order Intercept (IIP2)
fRF1 = 1900 MHz, fRF2 = 1950 MHz, fLO = 1697 MHz,
each RF tone at −10 dBm
50
dBm
Input 1 dB Compression Point (IP1dB)
11
dBm
LO-to-IF Leakage
Unfiltered IF output
−24
dBm
LO-to-RF Leakage
−35
dBm
RF-to-IF Isolation
−33
dBc
IF/2 Spurious
−10 dBm input power
−75
dBc
IF/3 Spurious
−10 dBm input power
−73
dBc
IF Channel-to-Channel Isolation
50
dB
POWER SUPPLY
Positive Supply Voltage
4.75
5
5.25
V
Quiescent Current
LO supply
170
mA
IF supply
180
mA
Total Quiescent Current
VS = 5 V
350
mA
3.3 V PERFORMANCE
VS = 3.3 V, IS = 200 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.2 kΩ, R2 =
R5 = 400 Ω, VGS0 = VGS1 = VGS2 = 0 V, and ZO = 50 Ω, unless otherwise noted.
Table 4.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Power Conversion Gain
Including 4:1 IF port transformer and PCB loss
8.3
dB
Voltage Conversion Gain
ZSOURCE = 50 Ω, differential ZLOAD = 200 Ω differential
14.6
dB
SSB Noise Figure
8.9
dB
Input Third-Order Intercept (IIP3)
fRF1 = 1899.5 MHz, fRF2 = 1900.5 MHz, fLO = 1697 MHz,
each RF tone at −10 dBm
21.2
dBm
Input Second-Order Intercept (IIP2)
fRF1 = 1950 MHz, fRF2 = 1900 MHz, fLO = 1697 MHz,
each RF tone at −10 dBm
48
dBm
Input 1 dB Compression Point (IP1dB)
7
dBm
POWER INTERFACE
Supply Voltage
3.0
3.3
3.6
V
Quiescent Current
Resistor programmable
200
mA
Total Quiescent Current
Device disabled
300
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com