Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5356ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5356ACPZ-R7
Description  1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5356ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5356ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADL5356
Rev. 0 | Page 12 of 24
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
ZO = 50 Ω, VGS0 = VGS1 = VGS2 = 0 V, unless otherwise noted.
RF FREQUENCY (MHz)
1700 1750
1800 1850 1900 1950 2000 2050 2100 2150 2200
0
60
50
40
30
20
10
TA = +85°C
TA = +25°C
TA =–40°C
Figure 33. LO Switch Isolation vs. RF Frequency
RF FREQUENCY (MHz)
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
40
38
36
34
32
30
28
26
TA = +85°C
TA = +25°C
TA = –40°C
Figure 34. RF-to-IF Isolation vs. RF Frequency
–40
–35
–30
–25
–20
–15
–10
1500 1550 1600 1650 1700 1750 1800 1850 1900 1950 2000
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 35. LO-to-IF Leakage vs. LO Frequency
–50
–40
–45
–35
–30
–25
–20
–15
1500 1550 1600 1650 1700 1750 1800 1850 1900 1950 2000
LO FREQUENCY (MHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 36. LO-to-RF Leakage vs. LO Frequency
–30
–16
–18
–20
–22
–24
–26
–28
LO FREQUENCY (MHz)
2XLO-TO-IF
1500 1550 1600 1650 1700 1750 1800 1850 1900 1950 2000
2XLO-TO-RF
Figure 37. 2XLO Leakage vs. LO Frequency
–70
–35
–40
–45
–50
–55
–60
–65
LO FREQUENCY (MHz)
1500 1550
1650
1600
1750 1800
1700
2000
1950
1900
1850
3XLO-TO-IF
3XLO-TO-RF
Figure 38. 3XLO Leakage vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com