Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5356ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5356ACPZ-R7
Description  1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5356ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5356ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADL5356
Rev. 0 | Page 8 of 24
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
ZO = 50 Ω, VGS0 = VGS1 = VGS2 = 0 V, unless otherwise noted.
300
400
380
360
340
320
–40
–20 –10
–30
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
VPOS = 4.75V
VPOS = 5.00V
VPOS = 5.25V
Figure 9. Supply Current vs. Temperature
–40 –30 –20 –10
0
20
10
30
40
50
60
70
80
TEMPERATURE (°C)
7.0
7.5
8.0
9.5
9.0
9.5
10.0
4.75V
5.00V
5.25V
Figure 10. Power Conversion Gain vs. Temperature
–40 –30 –20 –10
0
20
10
30
40
50
60
70
80
24
26
28
30
32
34
36
38
40
TEMPERATURE (°C)
VPOS = 5.25V
VPOS = 4.75V
VPOS = 5.0V
Figure 11. Input IP3 vs. Temperature
–40 –30 –20 –10
0
20
10
30
40
50
60
70
80
49
50
52
53
54
55
56
57
58
51
TEMPERATURE (°C)
VPOS = 5.25V
VPOS = 4.75V
VPOS = 5.0V
Figure 12. Input IP2 vs. Temperature
–40 –30 –20 –10
0
20
10
30
40
50
60
70
80
8
9
10
11
12
14
13
TEMPERATURE (°C)
VPOS = 5.25V
VPOS = 4.75V
VPOS = 5.0V
Figure 13. Input P1dB vs. Temperature
7.0
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
8.0
7.5
–40
–20
0
20
40
60
–30
–10
10
30
50
70
80
TEMPERATURE (°C)
VPOS = 4.75V
VPOS = 5.25V
VPOS = 5.0V
Figure 14. SSB Noise Figure vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com