Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5356ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5356ACPZ-R7
Description  1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5356ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5356ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADL5356
Rev. 0 | Page 21 of 24
EVALUATION BOARD
An evaluation board is available for the family of double balanced
mixers. The standard evaluation board schematic is shown in
Figure 54. The evaluation board is fabricated using Rogers®
RO3003 material. Table 7 describes the various configuration
options of the evaluation board. Evaluation board layout is shown
in Figure 55 and Figure 56.
R1
L6
VCC
C22
VCC
C25
C18
R2
MAIN_IN
C9
Z1
Z2
DIV_IN
C11
Z3
Z4
C3
C2
VCC
C6
C7
LO2
C16
VCC
R12
R13
R7
R16
C34
R8
R14
R19
R15
R11
R17
VCC
C26
C15
LO1
C14
C23
VCC
R4
R5
L3
C24
C13
VCC
VCC
C10
GND
+
R9
C30
C31
T2
DIV_OUTP
DIV_OUTN
C1
C12
C28
R6
C20
L5
L4
C29
VCC
C8
C21
L1
L2
R3
R10
C33
C32
T1
MAIN_OUTN
MAIN_OUTP
C27
C19
C17
VCC
VGS0
VGS1
VGS2
LOSW
PWDN
VPOS
COMM
LOI2
LOI1
MNIN
MNCT
COMM
DVIN
VPOS
COMM
VPOS
COMM
DVCT
ADL5356
TOP VIEW
(Not to Scale)
Figure 54. Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com