Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5356ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5356ACPZ-R7
Description  1200 MHz to 2500 MHz, Dual-Balanced Mixer, LO Buffer, IF Amplifier, and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5356ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5356ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5356ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADL5356
Rev. 0 | Page 13 of 24
VS = 5 V, IS = 350 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = −10 dBm, R1 = R4 = 1.3 kΩ, R2 = R5 = 1 kΩ,
ZO = 50 Ω, VGS0 = VGS1 = VGS2 = 0 V, unless otherwise noted.
4
10
6
18
16
14
12
10
8
9
8
7
6
5
RF FREQUENCY (MHz)
VGS = 000
VGS = 011
VGS = 100
VGS = 110
1700
2200
2100
2000
1900
1800
1750
2150
2050
1950
1850
Figure 39. Power Conversion Gain and SSB Noise Figure vs. RF Frequency
for Various VGS Settings
RF FREQUENCY (MHz)
20
18
16
14
12
10
8
6
32
30
28
26
24
22
20
18
VGS = 000
VGS = 011
VGS = 100
VGS = 110
1700
2200
2100
2000
1900
1800
1750
2150
2050
1950
1850
Figure 40. Input IP3 and Input P1dB vs. RF Frequency for Various VGS Settings
LO BIAS RESISTOR VALUE (
Ω)
600
1600
1500
1400
1300
1200
1100
1000
900
800
700
13
12
11
10
9
8
7
6
35
30
25
20
15
10
5
0
CONVERSION GAIN
NOISE FIGURE
INPUT IP3
Figure 41. Power Conversion Gain, SSB Noise Figure, and Input IP3 vs.
LO Bias Resistor Value
BLOCKER POWER (dBm)
–30
–25
–20
–15
–5
–10
5
01
30
25
20
15
10
5
0
0
Figure 42. SSB Noise Figure vs. 10 MHz Offset Blocker Level
BIAS RESISTOR VALUE (
Ω)
600
1600
1500
1400
1300
1200
1100
1000
900
800
700
0
50
100
150
200
250
300
350
LO RESISTOR SUPPLY CURRENT
IF RESISTOR SUPPLY CURRENT
Figure 43. LO and IF Supply Current vs. IF and LO Bias Resistor Value
IF BIAS RESISTOR VALUE (
Ω)
600
1600
1500
1400
1300
1200
1100
1000
900
800
700
13
12
11
10
9
8
7
6
35
30
25
20
15
10
5
0
CONVERSION GAIN
NOISE FIGURE
INPUT IP3
Figure 44. Power Conversion Gain, Noise Figure, and Input IP3 vs.
IF Bias Resistor Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com