Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5365ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5365ACPZ-R7
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5365ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5365ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADL5365
Rev. 0 | Page 10 of 24
VS = 5 V, IS = 95 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = 0 dBm, VGS0 = VGS1 = 0 V, and
ZO = 50 Ω, unless otherwise noted.
10.0
9.5
9.0
8.5
8.0
7.5
7.0
6.5
6.0
–6
10
8
6
4
2
0
–2
–4
LO POWER (dBm)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 18. Power Conversion Loss vs. LO Power
40
26
28
30
38
36
34
32
–6
–4
–2
02468
10
LO POWER (dBm)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 19. Input IP3 vs. LO Power
75
50
55
65
60
70
–6
–4
–2
0
2
4
6
8
10
LO POWER (dBm)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 20. Input IP2 vs. LO Power
–40
–90
–60
–70
–80
–50
–45
–65
–75
–85
–55
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150
2200
RF FREQUENCY (MHz)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 21. IF/2 Spurious vs. RF Frequency
–40
–90
–80
–70
–60
–50
–45
–85
–75
–65
–55
1700 1750 1800 1850 1900 1950
2200
2150
2100
2050
2000
RF FREQUENCY (MHz)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 22. IF/3 Spurious vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com