Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5365ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5365ACPZ-R7
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5365ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5365ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADL5365
Rev. 0 | Page 19 of 24
APPLICATIONS INFORMATION
BASIC CONNECTIONS
The ADL5365 mixer is designed to up- or downconvert
between radio frequencies (RF) from 1200 MHz to 2500 MHz and
intermediate frequencies (IF) from dc to 450 MHz. Figure 50
depicts the basic connections of the mixer. It is recommended to
ac-couple RF and LO input ports to prevent non-zero dc voltages
from damaging the RF balun or LO input circuit. The RFIN
capacitor value of 3 pF is recommended to provide the optimized
RF input return loss for the desired frequency band.
For upconversion, the IF input, Pin 18 (IFON) and Pin 19
(IFOP), must be driven differentially or by using a 1:1 ratio
transformer for single-ended operation. A 3 pF capacitor is
recommended for the RF output, Pin 2 (RFIN).
IF PORT
The real part of the output impedance is approximately 50 Ω, as
seen in Figure 26, which matches many commonly used SAW
filters without the need for a transformer. This results in a voltage
conversion loss that is approximately the same as the power
conversion loss, as shown in Table 3.
BIAS RESISTOR SELECTION
An external resistor, RBIAS LO, is used to adjust the bias current
of the integrated amplifiers at the LO terminals. It is necessary
to have a sufficient amount of current to bias the internal LO
amplifier to optimize dc current vs. optimum IIP3 performance.
Figure 37 and Figure 39 provide the reference for the bias resistor
selection when lower power consumption is considered at the
expense of conversion gain and IP3 performance.
MIXER VGS CONTROL DAC
The ADL5365 features two logic control pins, Pin 12 (VGS0)
and Pin 13 (VGS1), that allow programmability for internal
gate-to-source voltages for optimizing mixer performance over
desired frequency bands. The evaluation board defaults both
VGS0 and VGS1 to ground. Power conversion loss, NF, and
IIP3 can be optimized, as shown in Figure 35 and Figure 36.
2
3
1
19
18
17
16
6
7
8
9
10
14
15
12
11
BIAS
GENERATOR
LO2_IN
RF-IN
+5V
+5V
+5V
+5V
LO1_IN
10k
Ω
R1
0
Ω
C24
560pF
10k
Ω
10pF
10pF
10pF
3pF
10pF
0.01µF
4.7µF
RBIAS LO
22pF
10pF
22pF
ADL5365
20
13
5
4
T1
IF1_OUT
C25
560pF
Figure 50. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com