Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5365ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5365ACPZ-R7
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5365ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5365ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADL5365
Rev. 0 | Page 13 of 24
VS = 5 V, IS = 95 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = 0 dBm, VGS0 = VGS1 = 0 V, and
ZO = 50 Ω, unless otherwise noted.
10
0
1
2
3
4
5
6
7
8
9
15
5
6
7
8
9
10
11
12
13
14
1700 1750 1800
1850 1900 1950 2000 2050 2100 2150 2200
RF FREQUENCY (MHz)
VGS = 0, 0
VGS = 0, 1
VGS = 1, 0
VGS = 1, 1
GAIN
NOISE FIGURE
Figure 35. Power Conversion Loss and SSB Noise Figure vs. RF Frequency
40
26
28
30
32
34
36
38
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
RF FREQUENCY (MHz)
VGS = 0, 0
VGS = 0, 1
VGS = 1, 0
VGS = 1, 1
Figure 36. Input IP3 vs. RF Frequency
CONVERSION LOSS
26
28
30
32
34
36
38
40
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
600
800
1000
1200
1400
1600
1800
BIAS RESISTOR VALUE (
Ω)
NOISE FIGURE
INPUT IP3
Figure 37. Power Conversion Loss, SSB Noise Figure, and
Input IP3 vs. IF Bias Resistor Value
25
0
5
10
15
20
–30
–25
–20
–15
–10
–5
0
5
10
BLOCKER POWER (dBm)
Figure 38. SSB Noise Figure vs.10 MHz Offset Blocker Power
130
60
70
80
90
100
110
120
600
800
1000
1200
1400
1600
1800
BIAS RESISTOR VALUE (
Ω)
Figure 39. Supply Current vs. Bias Resistor Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com