Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5365ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL5365ACPZ-R7
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5365ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL5365ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADL5365
Rev. 0 | Page 12 of 24
VS = 5 V, IS = 95 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = 0 dBm, VGS0 = VGS1 = 0 V, and
ZO = 50 Ω, unless otherwise noted.
70
40
50
45
60
55
65
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
RF FREQUENCY (MHz)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 29. LO Switch Isolation vs. RF Frequency
–40
–60
–50
–42
–44
–46
–48
–52
–54
–56
–58
1700 1750 1800 1850 1900 1950
2000 2050 2100 2150
2200
RF FREQUENCY (MHz)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 30. RF-to-IF Isolation vs. RF Frequency
0
–40
–30
–35
–25
–20
–15
–10
–5
1500 1550 1600
1650 1700 1750 1800 1850 1900 1950 2000
LO FREQUENCY (MHz)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 31. LO-to-IF Leakage vs. LO Frequency
–20
–40
–36
–38
–34
–32
–30
–28
–26
–24
–22
1500 1550 1600
1650 1700 1750 1800 1850 1900 1950 2000
LO FREQUENCY (MHz)
TA = +25°C
TA = +85°C
TA = –40°C
Figure 32. LO-to-RF Leakage vs. LO Frequency
–40
–35
–30
–25
–20
–15
–10
–5
0
1500 1550 1600 1650 1700 1750 1800 1850 1900 1950 2000
LO FREQUENCY (MHz)
2LO TO RF
2LO TO IF
Figure 33. 2LO Leakage vs. LO Frequency
–70
–65
–60
–55
–50
–45
–40
–35
–30
–25
–20
1500 1550 1600 1650 1700 1750 1800 1850 1900 1950 2000
LO FREQUENCY (MHz)
3LO TO RF
3LO TO IF
Figure 34. 3LO Leakage vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com