Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5365ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5365ACPZ-R7
Description  1200 MHz to 2500 MHz Balanced Mixer, LO Buffer and RF Balun
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5365ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5365ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5365ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADL5365
Rev. 0 | Page 11 of 24
VS = 5 V, IS = 95 mA, TA = 25°C, fRF = 1900 MHz, fLO = 1697 MHz, LO power = 0 dBm, RF power = 0 dBm, VGS0 = VGS1 = 0 V, and
ZO = 50 Ω, unless otherwise noted.
CONVERSION LOSS (dB)
6.8
7.0
7.2
7.4
7.6
7.8
0
20
40
60
80
100
MEAN: 7.33
STANDARD DEVIATION:0.232
Figure 23. Conversion Loss Distribution
INPUT IP3 (dBm)
40
38
36
32
34
100
80
60
40
20
0
MEAN: 36.11
STANDARD DEVIATION: 0.146
Figure 24. Input IP3 Distribution
0
10
20
30
40
50
60
70
80
90
100
7.9
8.0
8.1
8.2
8.3
8.4
8.5
8.6
8.7
NOISE FIGURE (dB)
MEAN = 8.29
STANDARD DEVIATION = 0.30
Figure 25. SSB Noise Figure Distribution
36.5
30.5
31.0
31.5
32.0
32.5
33.0
33.5
34.0
34.5
35.0
35.5
36.0
3.6
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
30
80
130
180
230
280
330
380
430
IF FREQUENCY (MHz)
Figure 26. IF Output Impedance (R Parallel, C Equivalent)
25
20
15
10
5
0
1700 1750 1800 1850 1900 1950 2000 2050 2100 2150 2200
RF FREQUENCY (MHz)
Figure 27. RF Port Return Loss, Fixed IF
0
35
30
25
20
15
10
5
1500 1550 1600 1650 1700 1750 1800 1850 1900 1950 2000
LO FREQUENCY (MHz)
SELECTED
UNSELECTED
Figure 28. LO Return Loss, Selected and Unselected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com