Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2605IGNPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2605IGNPBF
Description  Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605IGNPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2605IGNPBF Datasheet HTML 5Page - Linear Technology LTC2605IGNPBF Datasheet HTML 6Page - Linear Technology LTC2605IGNPBF Datasheet HTML 7Page - Linear Technology LTC2605IGNPBF Datasheet HTML 8Page - Linear Technology LTC2605IGNPBF Datasheet HTML 9Page - Linear Technology LTC2605IGNPBF Datasheet HTML 10Page - Linear Technology LTC2605IGNPBF Datasheet HTML 11Page - Linear Technology LTC2605IGNPBF Datasheet HTML 12Page - Linear Technology LTC2605IGNPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LTC2605/LTC2615/LTC2625
9
2605fa
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage Noise,
0.1Hz to 10Hz
Short-Circuit Output Current
vs VOUT (Sourcing)
Power-On Reset to Mid-Scale
Supply Current vs Logic Voltage
Multiplying Bandwidth
LTC2605/LTC2615/LTC2625
Short-Circuit Output Current
vs VOUT (Sinking)
1V/DIV
500μs/DIV
2605 G27
VCC
VOUT
VREF = VCC
2605 G28
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
012
LOGIC VOLTAGE (V)
345
VCC = 5V
SWEEP SCL
AND SDA 0V
TO VCC AND
VCC TO 0V
FREQUENCY (Hz)
1k
0
–3
–6
–9
–12
–15
–18
–21
–24
–27
–30
–33
–36
1M
2605 G29
10k
100k
VCC = 5V
VREF (DC) = 2V
VREF (AC) = 0.2VP-P
CODE = FULL-SCALE
VOUT
10μV/DIV
SECONDS
0123456789
10
2605 G30
5
4
3
2
1
0
0mA
10mA
20mA
30mA
40mA
1V/DIV
2605 G31
VCC = 5.5V
VREF = 5.6V
CODE = 0
VOUT SWEPT 0V TO VCC
0123
4
5
0mA
–10mA
–20mA
–30mA
–40mA
–50mA
1V/DIV
2605 G32
VCC = 5.5V
VREF = 5.6V
CODE = FULL-SCALE
VOUT SWEPT VCC TO 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com