Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2605IGNPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2605IGNPBF
Description  Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605IGNPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC2605IGNPBF Datasheet HTML 1Page - Linear Technology LTC2605IGNPBF Datasheet HTML 2Page - Linear Technology LTC2605IGNPBF Datasheet HTML 3Page - Linear Technology LTC2605IGNPBF Datasheet HTML 4Page - Linear Technology LTC2605IGNPBF Datasheet HTML 5Page - Linear Technology LTC2605IGNPBF Datasheet HTML 6Page - Linear Technology LTC2605IGNPBF Datasheet HTML 7Page - Linear Technology LTC2605IGNPBF Datasheet HTML 8Page - Linear Technology LTC2605IGNPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC2605/LTC2615/LTC2625
1
2605fa
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Octal 16-/14-/12-Bit
Rail-to Rail DACs in 16-Lead SSOP
The LTC®2605/LTC2615/LTC2625 are octal 16-, 14- and
12-bit, 2.7V to 5.5V rail-to-rail voltage-output DACs
in 16-lead narrow SSOP packages. They have built-in
high performance output buffers and are guaranteed
monotonic.
These parts establish new board-density benchmarks
for 16-/14-bit DACs and advance performance standards
for output drive, crosstalk and load regulation in single
supply, voltage-output multiples.
The parts use the 2-wire I2C compatible serial interface. The
LTC2605/LTC2615/LTC2625 operate in both the standard
mode (maximum clock rate of 100kHz) and the fast mode
(maximum clock rate of 400kHz).
The LTC2605/LTC2615/LTC2625 incorporate a power-on
reset circuit. During power-up, the voltage outputs rise less
than 10mV above zero-scale; and after power-up, they stay
at zero-scale until a valid write and update take place. The
power-on reset circuit resets the LTC2605-1/\LTC2615-1/
LTC2625-1 to mid-scale. The voltage output stays at mid-
scale until a valid write and update takes place.
Differential Nonlinearity (LTC2605)
APPLICATIONS
n Smallest Pin-Compatible Octal DACs:
LTC2605: 16 Bits
LTC2615: 14 Bits
LTC2625: 12 Bits
n Guaranteed Monotonic Over Temperature
n 400kHz I2C Interface
n Wide 2.7V to 5.5V Supply Range
n Low Power Operation: 250μA per DAC at 3V
n Individual Channel Power-Down to 1μA (Max)
n Ultralow Crosstalk Between DACs (<10μV)
n High Rail-to-Rail Output Drive (±15mA, Min)
n Double-Buffered Digital Inputs
n 27 Selectable Addresses
n LTC2605/LTC2615/LTC2625: Power-On Reset to
Zero-Scale
n LTC2605-1/LTC2615-1/LTC2625-1: Power-On Reset
to Mid-Scale
n Tiny 16-Lead Narrow SSOP Package
n Mobile Communications
n Process Control and Industrial Automation
n Instrumentation
n Automatic Test Equipment
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
2
15
1
GND
VOUT A
VOUT B
VOUT C
VOUT D
REF
CA2
SCL
VCC
VOUT H
VOUT G
VOUT F
VOUT E
CA0
CA1
SDA
2605/15/25 BD
16
DAC A
3
14
4
13
5
7
6
8
10
11
9
12
2-WIRE INTERFACE
32-BIT SHIFT REGISTER
DAC H
DAC B
DAC G
DAC C
DAC F
DAC D
DAC E
CODE
0
16384
32768
49152
65535
2605 G02
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V


Similar Part No. - LTC2605IGNPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2605IGN LINER-LTC2605IGN Datasheet
317Kb / 16P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605IGN-1 LINER-LTC2605IGN-1 Datasheet
317Kb / 16P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
More results

Similar Description - LTC2605IGNPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2604 LINER-LTC2604 Datasheet
389Kb / 16P
Quad 16-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605 Datasheet
317Kb / 16P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600 Datasheet
434Kb / 16P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_1 Datasheet
343Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2610 LINER-LTC2610_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2620 LINER-LTC2620_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2625 LINER-LTC2625_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com