Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2605IGNPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2605IGNPBF
Description  Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605IGNPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2605IGNPBF Datasheet HTML 1Page - Linear Technology LTC2605IGNPBF Datasheet HTML 2Page - Linear Technology LTC2605IGNPBF Datasheet HTML 3Page - Linear Technology LTC2605IGNPBF Datasheet HTML 4Page - Linear Technology LTC2605IGNPBF Datasheet HTML 5Page - Linear Technology LTC2605IGNPBF Datasheet HTML 6Page - Linear Technology LTC2605IGNPBF Datasheet HTML 7Page - Linear Technology LTC2605IGNPBF Datasheet HTML 8Page - Linear Technology LTC2605IGNPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC2605/LTC2615/LTC2625
5
2605fa
TIMING CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. See Figure 1. (Notes 8, 9)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 2.7V to 5.5V
fSCL
SCL Clock Frequency
l
0
400
kHz
tHD(STA)
Hold Time (Repeated) Start Condition
l
0.6
μs
tLOW
Low Period of the SCL Clock Pin
l
1.3
μs
tHIGH
High Period of the SCL Clock Pin
l
0.6
μs
tSU(STA)
Set-Up Time for a Repeated Start Program
l
0.6
μs
tHD(DAT)
Data Hold Time
l
0
0.9
μs
tSU(DAT)
Data Set-Up Time
l
100
ns
tr
Rise Time of Both SDA and SCL Signals
(Note 7)
l 20 + 0.1CB
300
ns
tf
Fall Time of Both SDA and SCL Signals
(Note 7)
l 20 + 0.1CB
300
ns
tSU(STO)
Set-Up Time for Stop Condition
l
0.6
μs
tBUF
Bus Free Time Between a Stop and Start Condition
l
1.3
μs
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Linearity and monotonicity are defined from code kL to code
2N – 1, where N is the resolution and kL is given by kL = 0.016(2N/VREF),
rounded to the nearest whole code. For VREF = 4.096V and N = 16,
kL = 256 and linearity is defined from code 256 to code 65,535.
Note 3: SDA, SCL at 0V or VCC, CA0, CA1 and CA2 floating.
Note 4: Inferred from measurement at code 256 (LTC2605/LTC2605-1),
code 64 (LTC2615/LTC2615-1) or code 16 (LTC2625/LTC2625-1) and at
full-scale.
Note 5: VCC = 5V, VREF = 4.096V. DAC is stepped 1/4-scale to 3/4-scale and
3/4-scale to 1/4-scale. Load is 2kΩ in parallel with 200pF to GND.
Note 6: VCC = 5V, VREF = 4.096V. DAC is stepped ±1LSB between half-scale
and half-scale – 1. Load is 2kΩ in parallel with 200pF to GND.
Note 7: CB = capacitance of one bus line in pF.
Note 8: All values refer to VIH(MIN) and VIL(MAX) levels.
Note 9: These specifications apply to LTC2605/LTC2605-1,
LTC2615/LTC2615-1 and LTC2625/LTC2625-1.
Note 10: DC Crosstalk is measured with VCC = 5V and VREF = 4096V, with
the measured DAC at mid-scale, unless otherwise noted.
Note 11: RL = 2kΩ to GND or VCC.
Note 12: Guaranteed by design and not production tested.
ELECTRICAL CHARACTERISTICS
Test Circuit 1
Test Circuit 2
VIH(CA
n)
/VIL(CA
n)
CAn
100Ω
2605 TC01
GND
RINH/RINL/RINF
VDD
2605 TC02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com