Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2605IGNPBF Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2605IGNPBF
Description  Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605IGNPBF Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2605IGNPBF Datasheet HTML 10Page - Linear Technology LTC2605IGNPBF Datasheet HTML 11Page - Linear Technology LTC2605IGNPBF Datasheet HTML 12Page - Linear Technology LTC2605IGNPBF Datasheet HTML 13Page - Linear Technology LTC2605IGNPBF Datasheet HTML 14Page - Linear Technology LTC2605IGNPBF Datasheet HTML 15Page - Linear Technology LTC2605IGNPBF Datasheet HTML 16Page - Linear Technology LTC2605IGNPBF Datasheet HTML 17Page - Linear Technology LTC2605IGNPBF Datasheet HTML 18Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
LTC2605/LTC2615/LTC2625
18
2605fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 1109 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
Demonstration Circuit—LTC2428 20-Bit ADC Measures Key Performance Parameters
DISABLE
ADC
4.096V
5V
10k
10k
CS
SCK
SPI
BUS
VCC
VIN
VCC
VCC
VREF
VREF
5V
R6
7.5k
R5
DAC OUTPUTS
7.5k
C10
100pF
R8
22
TP4
DAC B
U5
LT146 1ACS8-4
2
4
6
3
VIN
GND
VOUT
SHDN
TP5
DAC C
TP6
DAC D
TP7
DAC E
U3
LTC2428CG
13
12
1
5
6
7
8
9
10
15
4
3
2
11
14
17
18
19
20
21
22
23
24
25
26
2605 TA01
27
28
16
CH4
CH3
GND
ZSSET
FSSET
GND
MUXOUT
CH0
CH1
CH6
ADCIN
VCC VCC
VCC
VREF
VCC
CH2
CH5
CH7
GND
CLK
CSMUX
DIN
GND
CSADC
SD0
SCK
FO
GND GND
GND
JP1
ON/OFF
C1
0.1μF
C2
0.1μF
C5
0.1μF
C4
0.1μF
TP8
DAC F
TP9
DAC G
TP3
DAC A
JP2
VREF
TP10
DAC H
U2
LTC2605CGN
I2C
BUS
13
12
5
6
1
15
16
4
3
2
11
10
7
9
8
14
VOUT F
VOUT E
GND
VOUT D
REF
SDA
SCL
VOUT H
VCC
VOUT C
VOUT B
VOUT A
CA2
CA1
CA0
VOUT G
4-/8-CHANNEL
MUX
3
1
2
VCC
ADDRESS SELECTION
VCC
R7
7.5k
20-BIT
ADC
+
–
3
1
2
TP13
GND
TP11
VREF
C8
1μF
16V
C9
0.1μF
U4
LT1236ACS8-5
2
4
6
VIN
GND
VOUT
C6
0.1μF
C7
4.7μF
6.3V
REGULATOR
5VREF
VCC
JP3
VCC
3
1
2
TP12
VCC
PART NUMBER
DESCRIPTION
COMMENTS
LTC1458/LTC1458L Quad 12-Bit Rail-to-Rail Output DACs with Added Functionality
LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.096V
LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1654
Dual 14-Bit Rail-to-Rail VOUT DAC
Programmable Speed/Power, 3.5μs/750μA, 8μs/450μA
LTC1655/LTC1655L Single 16-Bit VOUT DAC with Serial Interface in SO-8
VCC = 5V(3V), Low Power, Deglitched
LTC1657/LTC1657L Parrallel 5V/3V 16-Bit VOUT DAC
Low Power, Deglitched, Rail-to-Rail VOUT
LTC1660/LTC1665
Octal 10-/8-Bit VOUT DAC in 16-Pin Narrow SSOP
VCC = 2.7V to 5.5V, Micropower, Rail-to-Rail Output
LTC1821
Parallel 16-Bit Voltage Output DAC
Precision 16-Bit Settling in 2μs for 10V Step
LTC2600/LTC2610/
LTC2620
Octal 16-/14-/12-Bit VOUT DACs in 16-Lead SSOP
250μA per DAC, 2.5V to 5.5V Supply Range,
Rail-to-Rail Output, SPI Interface
LTC2601/LTC2611/
LTC2621
Single 16-/14-/12-Bit VOUT DACs in 10-Lead DFN
300μA per DAC, 2.5V to 5.5V Supply Range,
Rail-to-Rail Output, SPI Interface
LTC2602/LTC2612/
LTC2622
Dual 16-/14-/12-Bit VOUT DACs in 8-Lead MSOP
300μA per DAC, 2.5V to 5.5V Supply Range,
Rail-to-Rail Output, SPI Interface
LTC2604/LTC2614/
LTC2624
Quad 16-/14-/12-Bit VOUT DACs in 16-Lead SSOP
250μA per DAC, 2.5V to 5.5V Supply Range,
Rail-to-Rail Output, SPI Interface
LTC2606/LTC2616/
LTC2626
Single 16-/14-/12-Bit VOUT DACs with I2C Interface in 10-Lead DFN 270μA per DAC, 2.7V to 5.5V Supply Range,
Rail-to-Rail Output, I2C Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com