Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2605IGNPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2605IGNPBF
Description  Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605IGNPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2605IGNPBF Datasheet HTML 7Page - Linear Technology LTC2605IGNPBF Datasheet HTML 8Page - Linear Technology LTC2605IGNPBF Datasheet HTML 9Page - Linear Technology LTC2605IGNPBF Datasheet HTML 10Page - Linear Technology LTC2605IGNPBF Datasheet HTML 11Page - Linear Technology LTC2605IGNPBF Datasheet HTML 12Page - Linear Technology LTC2605IGNPBF Datasheet HTML 13Page - Linear Technology LTC2605IGNPBF Datasheet HTML 14Page - Linear Technology LTC2605IGNPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LTC2605/LTC2615/LTC2625
11
2605fa
OPERATION
Power-On Reset
The LTC2605/LTC2615/LTC2625 clear the outputs to
zero-scale when power is first applied, making system
initialization consistent and repeatable. The LTC2605-1/
LTC2615-1/LTC2625-1 set the voltage outputs to mid-scale
when power is first applied.
For some applications, downstream circuits are active dur-
ing DAC power-up, and may be sensitive to nonzero outputs
from the DAC during this time. The LTC2605/LTC2615/
LTC2625 contain circuitry to reduce the power-on glitch:
the analog outputs typically rise less than 10mV above
zero-scale during power on if the power supply is ramped
to 5V in 1ms or more. In general, the glitch amplitude
decreases as the power supply ramp time is increased.
See Power-On Reset Glitch in the Typical Performance
Characteristics section.
Power Supply Sequencing
The voltage at REF (Pin 6) should be kept within the range
–0.3V ≤ VREF ≤ VCC + 0.3V (see Absolute Maximum Rat-
ings). Particular care should be taken to observe these
limits during power supply turn-on and turn-off sequences,
when the voltage at VCC (Pin 16) is in transition.
Transfer Function
The digital-to-analog transfer function is:
V
k
V
OUT IDEAL
N
REF
() =
⎛
⎝⎜
⎞
⎠⎟
2
where k is the decimal equivalent of the binary DAC input
code, N is the resolution and VREF is the voltage at REF
(Pin 6).
Serial Digital Interface
The LTC2605/LTC2615/LTC2625 communicate with a
host using the standard 2-wire digital interface. The Tim-
ing Diagram (Figure 1) shows the timing relationship of
the signals on the bus. The two bus lines, SDA and SCL,
must be high when the bus is not in use. External pull-up
resistors or current sources are required on these lines.
The value of these pull-up resistors is dependent on the
power supply and can be obtained from the I2C specifica-
tions. For an I2C bus operating in the fast mode, an active
pull-up will be necessary if the bus capacitance is greater
than 200pF. The VCC power should not be removed from
the LTC2605/LTC2615/LTC2625 when the I2C bus is active
to avoid loading the I2C bus lines through the internal ESD
protection diodes.
The LTC2605/LTC2615/LTC2625 are receive-only (slave)
devices. The master can write to the LTC2605/LTC2615/
LTC2625. The LTC2605/LTC2615/LTC2625 do not respond
to a read from the master.
The START (S) and STOP (P) Conditions
When the bus is not in use, both SCL and SDA must be
high. A bus master signals the beginning of a communica-
tion to a slave device by transmitting a START condition. A
START condition is generated by transitioning SDA from
high to low while SCL is high.
Table 1
COMMAND*
C3
C2
C1
C0
0
0
0
0
Write to Input Register n
0
0
0
1
Update (Power Up) DAC Register n
0
0
1
0
Write to Input Register n, Update (Power Up) All n
0
0
1
1
Write to and Update (Power Up) n
0
1
0
0
Power Down n
1
1
1
1
No Operation
*Address and command codes not shown are reserved and should not
be used.
ADDRESS (n)*
A3
A2
A1
A0
0
0
0
0
DAC A
0
0
0
1
DAC B
0
0
1
0
DAC C
0
0
1
1
DAC D
0
1
0
0
DAC E
0
1
0
1
DAC F
0
1
1
0
DAC G
0
1
1
1
DAC H
1
1
1
1
All DACs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com