Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027MPVPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTM8027MPVPBF
Description  60V, 4A DC/DC Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027MPVPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM8027MPVPBF Datasheet HTML 7Page - Linear Technology LTM8027MPVPBF Datasheet HTML 8Page - Linear Technology LTM8027MPVPBF Datasheet HTML 9Page - Linear Technology LTM8027MPVPBF Datasheet HTML 10Page - Linear Technology LTM8027MPVPBF Datasheet HTML 11Page - Linear Technology LTM8027MPVPBF Datasheet HTML 12Page - Linear Technology LTM8027MPVPBF Datasheet HTML 13Page - Linear Technology LTM8027MPVPBF Datasheet HTML 14Page - Linear Technology LTM8027MPVPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTM8027
11
8027f
APPLICATIONS INFORMATION
For most applications, the design process is straight
forward, summarized as follows:
1. Look at Table 2 and find the row that has the desired
input range and output voltage.
2. Apply the recommended CIN, COUT, RADJ and RT values.
3. Connect the BIAS pins as indicated.
While these component and connection combinations have
been tested for proper operation, it is incumbent upon the
user to verify proper operation over the intended system’s
line, load and environmental conditions.
Capacitor Selection Considerations
The CIN and COUT capacitor values in Table 2 are the
minimum recommended values for the associated oper-
ating conditions. Applying capacitor values below those
indicated in Table 2 is not recommended, and may result
in undesirable operation. Using larger values is generally
acceptable, and can yield improved dynamic response, if
it is necessary. Again, it is incumbent upon the user to
verify proper operation over the intended system’s line,
load and environmental conditions.
Ceramic capacitors are small, robust and have very low
ESR. However, not all ceramic capacitors are suitable.
X5R and X7R types are stable over temperature and ap-
plied voltage and give dependable service. Other types,
including Y5V and Z5U have very large temperature and
voltage coefficients of capacitance. In an application cir-
cuit they may have only a small fraction of their nominal
capacitance resulting in much higher output voltage ripple
than expected.
Ceramic capacitors are also piezoelectric. The LTM8027’s
switching frequency depends on the load current, and
at light loads it can excite a ceramic capacitor at audio
frequencies, generating audible noise.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM8027. A
ceramic input capacitor combined with trace or cable
inductance forms a high Q (under damped) tank circuit.
If the LTM8027 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possi-
bly exceeding the device’s rating. This situation is easily
avoided; see the Hot-Plugging Safely section.
Input Power Requirements
The LTM8027 is biased using an internal linear regula-
tor to generate operational voltages from the VIN pin.
Virtually all of the circuitry in the LTM8027 is biased via
this internal linear regulator output (INTVCC). This pin is
internally decoupled with a low ESR capacitor to GND.
The VCC regulator generates an 8V output provided there
is ample voltage on the VIN pin. The VCC regulator has
approximately 1V of dropout, and will follow the VIN pin
with voltages below the dropout threshold.
The LTM8027 has a typical start-up requirement of VIN >
7.5V. This assures that the onboard regulator has ample
headroom to bring INTVCC above its UVLO threshold.
The INTVCC regulator can only source current, so forcing
the BIAS pin above 8.5V allows use of externally derived
power for the IC. This effectively shuts down the internal
linear regulator and reduces power dissipation within the
LTM8027. Using the onboard regulator for start-up, then
deriving power for VCC from the converter output maxi-
mizes conversion efficiencies and is common practice. If
VCC is maintained above 6.5V using an external source, the
LTM8027 can continue to operate with VIN as low as 4V.
BIAS Power
The internal circuitry of the LTM8027 is powered by the
INTVCC bus, which is derived either from the afore men-
tioned internal linear regulator or the BIAS1 and BIAS2
pins, if it is greater than 8.5V. Since the internal linear
regulator is by nature dissipative, deriving INTVCC from
an external source through the BIAS pins reduces the
power lost within the LTM8027 and can increase overall
system efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com