Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027MPVPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8027MPVPBF
Description  60V, 4A DC/DC Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027MPVPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8027MPVPBF Datasheet HTML 9Page - Linear Technology LTM8027MPVPBF Datasheet HTML 10Page - Linear Technology LTM8027MPVPBF Datasheet HTML 11Page - Linear Technology LTM8027MPVPBF Datasheet HTML 12Page - Linear Technology LTM8027MPVPBF Datasheet HTML 13Page - Linear Technology LTM8027MPVPBF Datasheet HTML 14Page - Linear Technology LTM8027MPVPBF Datasheet HTML 15Page - Linear Technology LTM8027MPVPBF Datasheet HTML 16Page - Linear Technology LTM8027MPVPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTM8027
13
8027f
APPLICATIONS INFORMATION
It is recommended that the user apply the RT value given
in Table 2 for the input and output operating condition.
System level or other considerations, however, may ne-
cessitate another operating frequency. While the LTM8027
is flexible enough to accommodate a wide range of oper-
ating frequencies, a haphazardly chosen one may result
in undesirable operation under certain operating or fault
conditions. A frequency that is too high can damage the
LTM8027 if the output is overloaded or short circuited.
A frequency that is too low can result in a final design
that has too much output ripple or too large of an output
capacitor.
The maximum frequency (fMAX) at which the LTM8027
should be allowed to switch and the minimum frequency
set resistor value that should be used for a given set of
input and output operating condition is given in Table 2
as RT(MIN). There are additional conditions that must be
satisfied if the synchronization function is used. Please
refer to the Synchronization section for details.
Output Voltage Programming
The LTM8027 regulates its ADJ pin to 1.23V. Connect the
adjust resistor from this pin to ground. The value of RADJ
is given by the equation RADJ = 613.77/(VOUT – 1.23),
where RADJ is in kΩ.
RUN Control
The LTM8027 RUN pin uses a reference threshold of
1.4V. This precision threshold allows use of the RUN pin
for both logic-level controlled applications and analog
monitoring applications such as power supply sequencing.
The LTM8027 operational status is primarily controlled
by a UVLO circuit on internal power source. When the
LTM8027 is enabled via the RUN pin, only the VCC regula-
tor is enabled. Switching remains disabled until the UVLO
threshold is achieved at the VCC pin, when the remainder
of the LTM8027 is enabled and switching commences.
Because the LTM8027 high power converter is a power
transfer device, a voltage that is lower than expected on
the input supply could require currents that exceed the
sourcing capabilities of that supply, causing the system
to lock up in an undervoltage state. Input supply start-
up protection can be achieved by enabling the RUN pin
using a resistive divider from the VIN supply to ground.
Setting the divider output to 1.4V when that supply is at
an adequate voltage prevents an LTM8027 converter from
drawing large currents until the input supply is able to
provide the required power. 200mV of input hysteresis on
the RUN pin allows for about 15% of input supply droop
before disabling the converter.
Input UVLO and RUN
The RUN pin has a precision voltage threshold with hys-
teresis which can be used as an undervoltage lockout
threshold (UVLO) for the power supply. Undervoltage
lockout keeps the LTM8027 in shutdown until the supply
input voltage is above a certain voltage programmed by
the user. The hysteresis voltage prevents noise from falsely
tripping UVLO. Resistors are chosen by first selecting RB
(refer to Figure 2). Then:
R
A = RB •
V
IN(ON)
1.4V
–1
⎛
⎝⎜
⎞
⎠⎟
where VIN(ON)istheinputvoltageatwhichtheundervoltage
lockout is disabled and the supply turns on.
Figure 2. Undervoltage Lockout Resistive Divider
RUN PIN
RA
RB
VSUPPLY
8027 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com