Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027MPVPBF Datasheet(PDF) 12 Page - Linear Technology

Part # LTM8027MPVPBF
Description  60V, 4A DC/DC Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027MPVPBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM8027MPVPBF Datasheet HTML 8Page - Linear Technology LTM8027MPVPBF Datasheet HTML 9Page - Linear Technology LTM8027MPVPBF Datasheet HTML 10Page - Linear Technology LTM8027MPVPBF Datasheet HTML 11Page - Linear Technology LTM8027MPVPBF Datasheet HTML 12Page - Linear Technology LTM8027MPVPBF Datasheet HTML 13Page - Linear Technology LTM8027MPVPBF Datasheet HTML 14Page - Linear Technology LTM8027MPVPBF Datasheet HTML 15Page - Linear Technology LTM8027MPVPBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTM8027
12
8027f
APPLICATIONS INFORMATION
For example, suppose the LTM8027 needs to provide 5V
from an input voltage source that is nominally 12V. From
Table 2, the recommended RT value is 162k, which cor-
responds to an operating frequency of 210kHz. From the
graphs in the Typical Performance Characteristics, the
typical INTVCC current at 12VIN and 210kHz is 15mA. The
power dissipated by the internal linear regulator at 12VIN
is given by the equation:
PINTVCC = (VIN – 8.5) • IINTVCC
or only 54mW. This has a small but probably acceptable
effect on the operating temperature of the LTM8027.
If the input rises to 60V, however, the power dissipation is
a lot higher, over 750mW. This can cause unnecessarily
high junction temperatures if the INTVCC regulator must
dissipate this amount of power for very long.
Soft-Start
The soft-start function controls the slew rate of the power
supply output voltage during start-up. A controlled output
voltage ramp minimizes output voltage overshoot, reduces
inrush current from the VIN supply, and facilitates supply
sequencing. A capacitor connected from the SS pin to GND
programs the slew rate. The capacitor is charged from an
internal 2μA current source producing a ramped voltage
that overrides the command reference to the controller,
resulting in a smooth output voltage ramp. The soft-start
circuit is disabled once the SS pin voltage has been charged
to 200mV above the internal reference of 1.231V.
During a VIN UVLO, INTVCC undervoltage or RUN event,
the SS pin voltage is discharged with a 50μA. Therefore,
the value of the SS capacitor determines how long one
of these events must be in order to completely discharge
the soft-start capacitor. In the case of an output overload
or short circuit, the SS pin voltage is clamped to a diode
drop above the ADJ pin. Once the short has been removed
the VADJ pin voltage starts to recover. The soft-start circuit
takes control of the output voltage slew rate once the
VADJ pin voltage has exceeded the slowly ramping SS pin
voltage, reducing the output voltage overshoot during a
short-circuit recovery.
Operating Frequency Tradeoffs
The LTM8027 uses a constant frequency architecture that
can be programmed over a 100kHz to 500kHz range with
a single resistor from the RT pin to ground. The nominal
voltage on the RT pin is 1V and the current that flows from
this pin is used to charge an internal oscillator capacitor.
The value of RT for a given operating frequency can be
chosen from Figure 1 or Table 1.
Figure 1. Timing Resistor (RT) Value
RT (kΩ)
0
0
100
200
600
8027 F01
100
50
150
200
300
400
500
Table 1 lists typical resistor values for common operating
frequencies.
Table 1. RT Resistor Values vs Frequency
RT (kΩ)
fSW (kHz)
187
100
118
150
82.5
200
63.4k
250
48.7k
300
40.2k
350
31.6k
400
27.4k
450
23.7k
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com