Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027MPVPBF Datasheet(PDF) 14 Page - Linear Technology

Part # LTM8027MPVPBF
Description  60V, 4A DC/DC Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027MPVPBF Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM8027MPVPBF Datasheet HTML 10Page - Linear Technology LTM8027MPVPBF Datasheet HTML 11Page - Linear Technology LTM8027MPVPBF Datasheet HTML 12Page - Linear Technology LTM8027MPVPBF Datasheet HTML 13Page - Linear Technology LTM8027MPVPBF Datasheet HTML 14Page - Linear Technology LTM8027MPVPBF Datasheet HTML 15Page - Linear Technology LTM8027MPVPBF Datasheet HTML 16Page - Linear Technology LTM8027MPVPBF Datasheet HTML 17Page - Linear Technology LTM8027MPVPBF Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTM8027
14
8027f
APPLICATIONS INFORMATION
Example: Select RB = 49.9k, VIN(ON) = 14.5V (based upon
a 15V minimum input voltage)
R
A = 49.9k •
14.5V
1.4V
–1
⎛
⎝⎜
⎞
⎠⎟
= 464k
The VIN turn off voltage is 15% below turn on. In the ex-
ample the VIN(OFF) would be 12.3V. The shutdown function
can be disabled by connecting the RUN pin to the VIN pin
through a large value pull-up resistor. This pin contains
a low impedance clamp at 6V, so the RUN pin will sink
current from the pull-up resistor (RPU):
I
RUN =
V
IN –6V
R
PU
Because this arrangement will clamp the RUN pin to 6V,
it will violate the 5V absolute maximum voltage rating of
the pin. This is permitted, however, as long as the absolute
maximum input current rating of 1mA is not exceeded.
Input RUN pin currents of <100μA are recommended: a
1M or greater pull-up resistor is typically used for this
configuration.
Soft-Start
The desired soft-start time (tSS) is programmed via the
CSS capacitor as follows:
CSS =
2µA • tSS
1.231V
The amount of time in which the power supply must be
under a VIN, VCC or VSHDN UVLO fault condition (tFAULT)
before the SS pin voltage enters its active region is ap-
proximated by the following formula:
tFAULT =
CSS • 0.65V
50µA
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LTM8027. However, these capacitors
can cause problems if the LTM8027 is plugged into a live
supply (see Linear Technology Application Note 88 for
a complete discussion). The low loss ceramic capacitor
combined with stray inductance in series with the power
source forms an under damped tank circuit, and the volt-
age at the VIN pin of the LTM8027 can ring to twice the
nominal input voltage, possibly exceeding the LTM8027’s
rating and damaging the part. If the input supply is poorly
controlled or the user will be plugging the LTM8027 into an
energized supply, the input network should be designed to
prevent this overshoot by introducing a damping element
into the path of current flow. This is often done by adding
an inexpensive electrolytic bulk capacitor across the input
terminals of the LTM8027. The criteria for selecting this
capacitor is that the ESR is high enough to damp the ringing,
and the capacitance value is several times larger than the
LTM8027 ceramic input capacitor. The bulk capacitor does
not need to be located physically close to the LTM8027;
it should be located close to the application board’s input
connector, instead.
Synchronization
The oscillator can be synchronized to an external clock.
Choose the RT resistor such that the resultant frequency is
at least 10% below the desired synchronization frequency.
It is recommended that the SYNC pin be driven with a
square wave that has amplitude greater than 2.3V, pulse
width greater than 1μs and rise time less than 500ns. The
rising edge of the sync wave form triggers the discharge
of the internal oscillator capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com