Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8027MPVPBF Datasheet(PDF) 19 Page - Linear Technology

Part # LTM8027MPVPBF
Description  60V, 4A DC/DC Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027MPVPBF Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM8027MPVPBF Datasheet HTML 12Page - Linear Technology LTM8027MPVPBF Datasheet HTML 13Page - Linear Technology LTM8027MPVPBF Datasheet HTML 14Page - Linear Technology LTM8027MPVPBF Datasheet HTML 15Page - Linear Technology LTM8027MPVPBF Datasheet HTML 16Page - Linear Technology LTM8027MPVPBF Datasheet HTML 17Page - Linear Technology LTM8027MPVPBF Datasheet HTML 18Page - Linear Technology LTM8027MPVPBF Datasheet HTML 19Page - Linear Technology LTM8027MPVPBF Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
LTM8027
19
8027f
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
PIN NAME
A1
GND
A2
ADJ
A3
BIAS2
A4
RUN
A5
SS
A6
BIAS1
A7
AUX
A8
GND
A9
GND
A10
GND
A11
GND
B1
RT
B2
GND
B3
GND
B4
GND
B5
GND
B6
GND
B7
GND
B8
GND
B9
GND
B10
GND
B11
GND
C1
SYNC
C2
GND
C3
GND
C4
GND
C5
GND
C6
GND
C7
GND
C8
GND
C9
GND
C10
GND
C11
GND
D1
GND
D2
GND
D3
GND
D4
GND
D5
GND
Pin Assignment Table
(Arranged by Pin Number)
PIN NAME
D6
GND
D7
GND
D8
GND
D9
GND
D10
GND
D11
GND
E1
GND
E2
GND
E3
GND
E4
GND
E5
GND
E6
GND
E7
GND
E8
GND
E9
VOUT
E10
VOUT
E11
VOUT
F1
GND
F2
GND
F3
GND
F4
GND
F5
GND
F6
GND
F7
GND
F8
GND
F9
VOUT
F10
VOUT
F11
VOUT
G5
GND
G6
GND
G7
GND
G8
GND
G9
VOUT
G10
VOUT
G11
VOUT
H1
VIN
H2
VIN
H3
VIN
PIN NAME
H5
GND
H6
GND
H7
GND
H8
GND
H9
VOUT
H10
VOUT
H11
VOUT
J1
VIN
J2
VIN
J3
VIN
J5
GND
J6
GND
J7
GND
J8
GND
J9
VOUT
J10
VOUT
J11
VOUT
K1
VIN
K2
VIN
K3
VIN
K5
GND
K6
GND
K7
GND
K8
GND
K9
VOUT
K10
VOUT
K11
VOUT
L1
VIN
L2
VIN
L3
VIN
L5
GND
L6
GND
L7
GND
L8
GND
L9
VOUT
L10
VOUT
L11
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com