Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC684LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC684LP4
Description  BiCMOS MMIC MIXER W/ INTEGRATED BiCMOS MMIC MIXER W/ INTEGRATED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC684LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC684LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
8
8 - 237
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
-20
-15
-10
-5
0
0.6
0.7
0.8
0.9
1
1.1
1.2
-6 dBm
-3 dBm
0 dBm
+3 dBm
FREQUENCY (GHz)
0
10
20
30
40
0.6
0.7
0.8
0.9
1
1.1
1.2
-6 dBm
-3 dBm
0 dBm
+3 dBm
FREQUENCY (GHz)
Upconverter Performance
Conversion Gain vs. LO Drive
Upconverter Performance
Input IP3 vs. LO Drive
HMC684LP4 / 684LP4E
v01.0408
BiCMOS MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 700 - 1000 MHz
Harmonics of LO
MxN Spurious @ IF Port
nLO
mRF
0
1234
0
xx
251625
31
125025
17
35
252
47
50
55
58
382
73
92
70
77
4
112
100
112
110
98
RF Freq. = 0.9 GHz @ 0 dBm
LO Freq. = 0.8 GHz @ 0 dBm
All values in dBc below IF power level (1RF - 1LO).
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
0.5
26
45
36
43
0.6
24
43
35
36
0.7
22
30
41
30
0.8
22
30
34
28
0.9
24
313731
127
32
37
44
1.1
31
28
45
30
LO = 0 dBm
All values in dBc below input LO level measured at RF port
Typical Supply Current vs. Vcc
Vcc1 - 3 (V)
Icc Total (mA)
4.75
80
5.00
85
5.25
90
Product will operate over full voltage range shown above.
Absolute Maximum Ratings
RF / IF Input (Vcc1 - 3 = +5V)
+23 dBm
LO Drive (Vcc= +5V)
+10 dBm
Vcc1 - 3 (LO or IF)
5.5V
Channel Temperature
125 °C
Continuous Pdiss (T = 85°C)
(derate 17.24 mW/°C above 85°C)
0.69W
Thermal Resistance
(channel to ground paddle)
58 °C/W
Storage Temperature
-65 to 150 °C
Operating Temperature
-40 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com