Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC684LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC684LP4
Description  BiCMOS MMIC MIXER W/ INTEGRATED BiCMOS MMIC MIXER W/ INTEGRATED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC684LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC684LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8
8 - 236
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC684LP4 / 684LP4E
v01.0408
BiCMOS MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 700 - 1000 MHz
Input IP3 vs. Temperature [1]
[1] Two-tone input power = +9 dBm each tone, 1 MHz spacing. [2] Reference to RF Power at 0 dBm
0
10
20
30
40
0.7
0.75
0.8
0.85
0.9
0.95
1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
Input IP3 vs. LO Drive [1]
0
10
20
30
40
0.7
0.75
0.8
0.85
0.9
0.95
1
-6 dBm
-3 dBm
0 dBm
+3 dBm
FREQUENCY (GHz)
+2RF -2LO Response vs. LO Drive [2]
40
45
50
55
60
65
70
0.6
0.7
0.8
0.9
1
1.1
1.2
-3 dBm
0 dBm
+3 dBm
FREQUENCY (GHz)
+2RF -2LO Response vs. Temperature [2]
40
45
50
55
60
65
70
0.6
0.7
0.8
0.9
1
1.1
1.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)
+3RF -3LO Response vs. LO Drive [2]
60
65
70
75
80
85
90
0.6
0.7
0.8
0.9
1
1.1
1.2
-3 dBm
0 dBm
+3 dBm
FREQUENCY (GHz)
+3RF -3LO Response vs. Temperature [2]
60
65
70
75
80
85
90
0.6
0.7
0.8
0.9
1
1.1
1.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com