Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC684LP4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC684LP4
Description  BiCMOS MMIC MIXER W/ INTEGRATED BiCMOS MMIC MIXER W/ INTEGRATED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC684LP4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC684LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
8
8 - 239
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC684LP4 / 684LP4E
v01.0408
BiCMOS MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 700 - 1000 MHz
Pin Number
Function
Description
Interface Schematic
1, 6, 7, 11 - 14,
18, 20, 23
N/C
No connection. These pins may be connected to RF
ground. Performance will not be affected.
2, 5, 15, 17
GND
Package bottom must be
connected to RF/DC ground.
3RF
This pin is matched single-ended 50 ohm and DC
shorted to ground through a balun.
4TAP
Center tap of secondary side of the internal RF balun.
Short to ground with a zero ohm close to the package.
8, 10, 24
Vcc1, Vcc2,
Vcc3
Power supply voltage. See application circuit
for required external components.
9LO_BIAS
Adjust the LO buffer current through an external
resistor. See application circuit for required external
components.
16
LO
This pin is matched single-ended 50 ohm and DC
shorted to ground through a balun.
19
G_BIAS
External optional bias. See application circuit
for required external components.
21, 22
IFN, IFP
Differential IF input / output pins matched to differential
50 ohms. For applications not requiring operation to DC
an off chip DC blocking capacitor should be used.
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com