Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC684LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC684LP4
Description  BiCMOS MMIC MIXER W/ INTEGRATED BiCMOS MMIC MIXER W/ INTEGRATED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC684LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC684LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8
8 - 234
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC684LP4 / 684LP4E
BiCMOS MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 700 - 1000 MHz
v01.0408
General Description
Features
Functional Diagram
Electrical Specifications
T
A = +25° C, IF = 100 MHz, LO = 0 dBm, Vcc1, 2, 3, = +5V, G Bias = +3.5V*
Typical Applications
Parameter
Min.
Typ.
Max.
Units
Frequency Range, RF
0.7 - 1.0
GHz
Frequency Range, LO
0.6 - 1.0
GHz
Frequency Range, IF
DC to 450
MHz
Conversion Loss
79
dB
Noise Figure (SSB)
7dB
LO to RF Isolation
17
23
dB
LO to IF Isolation
20
30
dB
RF to IF Isolation
25
35
dB
IP3 (Input)
32
dBm
1 dB Compression (Input)
25
dBm
LO Drive Input Level (Typical)
-6 to +3
dBm
Supply Current Icc Total
85
100
mA
* Unless otherwise noted all measurements performed as downconverter with low side LO & IF = 100 MHz.
The HMC684LP4(E) is Ideal for:
• Cellular/3G & LTE/WiMAX/4G
• Basestations & Repeaters
• GSM, CDMA & OFDM
• Transmitters and Receivers
The HMC684LP4(E) is a high dynamic range passive
MMIC mixer with integrated LO amplifier in a 4x4
SMT QFN package covering 0.7 to 1.0 GHz. Excellent
input IP3 performance of +32 dBm for down conver-
sion is provided for 3G & 4G GSM/CDMA applications
at an LO drive of 0 dBm. With an input 1 dB com-
pression of +25 dBm, the RF port will accept a wide
range of input signal levels. Conversion loss is 7 dB
typical. The DC to 450 MHz IF frequency response
will satisfy GSM/CDMA transmit or receive frequency
plans. The HMC684LP4(E) is pin for pin compatible
with the HMC685LP4(E) which is a 1.7 - 2.2 GHz mixer
with LO amplifier.
High Input IP3: +32 dBm
Low Conversion Loss: 7 dB
Low LO Drive: 0 dBm
Upconversion & Downconversion Applications
24 Lead 4x4mm SMT Package: 16mm2


Similar Part No. - HMC684LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC684LP4 HITTITE-HMC684LP4 Datasheet
605Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1000 MHz
HMC684LP4E HITTITE-HMC684LP4E Datasheet
605Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1000 MHz
HMC684LP4 HITTITE-HMC684LP4_10 Datasheet
605Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1000 MHz
More results

Similar Description - HMC684LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC666LP4 HITTITE-HMC666LP4 Datasheet
850Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 3.1 - 3.9 GHz
HMC684LP4 HITTITE-HMC684LP4_10 Datasheet
605Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1000 MHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC687LP4 HITTITE-HMC687LP4_10 Datasheet
731Kb / 10P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC688LP4 HITTITE-HMC688LP4 Datasheet
870Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC689LP4 HITTITE-HMC689LP4_10 Datasheet
868Kb / 8P
BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC786LP4E HITTITE-HMC786LP4E_10 Datasheet
770Kb / 10P
BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 700 - 1100 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com