Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC684LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC684LP4
Description  BiCMOS MMIC MIXER W/ INTEGRATED BiCMOS MMIC MIXER W/ INTEGRATED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC684LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC684LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC684LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
8
8 - 238
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC684LP4 / 684LP4E
v01.0408
BiCMOS MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 700 - 1000 MHz
Outline Drawing
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC684LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H684
XXXX
HMC684LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H684
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
NOTES:
1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED
PLASTIC SILICA AND SILICON IMPREGNATED.
2. LEAD AND GROUND PADDLE MATERIAL: COPPER ALLOY.
3. LEAD AND GROUND PADDLE PLATING: 100% MATTE TIN.
4. DIMENSIONS ARE IN INCHES [MILLIMETERS].
5. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
6. PAD BURR LENGTH SHALL BE 0.15mm MAX.
PAD BURR HEIGHT SHALL BE 0.25mm MAX.
7. PACKAGE WARP SHALL NOT EXCEED 0.05mm
8. ALL GROUND LEADS AND GROUND PADDLE
MUST BE SOLDERED TO PCB RF GROUND.
9. REFER TO HITTITE APPLICATION NOTE
FOR SUGGESTED PCB LAND PATTERN.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com