Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1560GS Datasheet(PDF) 7 Page - Clare, Inc.

Part # CPC1560GS
Description  Solid State Relay with Integrated Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1560GS Datasheet(HTML) 7 Page - Clare, Inc.

Back Button CPC1560GS Datasheet HTML 3Page - Clare, Inc. CPC1560GS Datasheet HTML 4Page - Clare, Inc. CPC1560GS Datasheet HTML 5Page - Clare, Inc. CPC1560GS Datasheet HTML 6Page - Clare, Inc. CPC1560GS Datasheet HTML 7Page - Clare, Inc. CPC1560GS Datasheet HTML 8Page - Clare, Inc. CPC1560GS Datasheet HTML 9Page - Clare, Inc. CPC1560GS Datasheet HTML 10Page - Clare, Inc. CPC1560GS Datasheet HTML 11Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CPC1560
R00F
PRELIMINARY
7
Temperature (ºC)
-40
-20
0
204060
80
100
0.50
0.55
0.60
0.65
0.70
0.75
CPC1560
Typical I
F for Switch Dropout
vs. Temperature
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
CPC1560
Maximum Allowed
Energy Dissipation During t
FALL
(AC/DC Configuration)
Temperature (ºC)
-40
-20
0
204060
80
100
1.0
1.5
2.0
2.5
3.0
3.5
4.0
CPC1560
Maximum Allowed
Energy Dissipation During t
FALL
(DC-Only Configuration)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.20
0.21
0.22
0.23
0.24
0.25
0.26
0.27
0.28
CPC1560
Maximum Allowed
Energy Dissipation During t
RISE
(DC-Only Configuration)
Temperature (ºC)
-40
-20
0
204060
80100
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
CPC1560
Maximum Allowed
Energy Dissipation During t
RISE
(AC/DC Configuration)
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not
indicated in the written specifications, please contact our application department.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com