Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1560GS Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1560GS
Description  Solid State Relay with Integrated Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1560GS Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1560GS Datasheet HTML 1Page - Clare, Inc. CPC1560GS Datasheet HTML 2Page - Clare, Inc. CPC1560GS Datasheet HTML 3Page - Clare, Inc. CPC1560GS Datasheet HTML 4Page - Clare, Inc. CPC1560GS Datasheet HTML 5Page - Clare, Inc. CPC1560GS Datasheet HTML 6Page - Clare, Inc. CPC1560GS Datasheet HTML 7Page - Clare, Inc. CPC1560GS Datasheet HTML 8Page - Clare, Inc. CPC1560GS Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CPC1560
R00F
PRELIMINARY
3
1. Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
1 Derate Total Power linearly by 7.5mW/°C.
Absolute maximum electrical ratings are at 25°C,
unless otherwise specified.
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1.4 ESD Rating
1
3
2
4
6
7
8
5
NC
NC
LED +
LED -
C-
C+
OUTPUT
OUTPUT
Pin#
Name
Description
1
NC
Not connected
2
LED +
Positive input to LED
3
LED -
Negative input to LED
4
NC
Not connected
5
C-
External Capacitor, Negative Terminal
6OUTPUT Switch Output
7OUTPUT Switch Output
8
C+
External Capacitor, Positive Terminal
Parameter
Rating
Units
Blocking Voltage (VL)
60
VP
Reverse Input Voltage
5
V
Input LED Current
Continuous
50
mA
Peak (10ms)
1
A
Input Control Current
10
mA
Peak Turn-On Energy Dissipation
AC/DC Configuration (85°C)
0.67
mJ
DC-Only Configuration (85°C)
1.34
dV/dt Fault Tolerance
AC/DC Configuration
160
V/
μs
DC-Only Configuration
80
Total Power Dissipation 1
800
mW
Output Power Dissipation
787
mW
Isolation Voltage (Input to Output)
3750
Vrms
Operating Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
ESD Rating
(Human Body Model)
1000 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com