Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1560GS Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC1560GS
Description  Solid State Relay with Integrated Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1560GS Datasheet(HTML) 5 Page - Clare, Inc.

  CPC1560GS Datasheet HTML 1Page - Clare, Inc. CPC1560GS Datasheet HTML 2Page - Clare, Inc. CPC1560GS Datasheet HTML 3Page - Clare, Inc. CPC1560GS Datasheet HTML 4Page - Clare, Inc. CPC1560GS Datasheet HTML 5Page - Clare, Inc. CPC1560GS Datasheet HTML 6Page - Clare, Inc. CPC1560GS Datasheet HTML 7Page - Clare, Inc. CPC1560GS Datasheet HTML 8Page - Clare, Inc. CPC1560GS Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CPC1560
R00F
PRELIMINARY
5
1.7 General Conditions
Unless otherwise specified, minimum and maximum
values are guaranteed by production testing at 25°C
only.
Typical values are characteristic of the device at 25°C
and are the result of engineering evaluations. They are
provided for informational purposes only and are not
part of the manufacturing testing requirements.
Operating temperature range: TA= -40°C to +85°C
1.8 Electrical Specifications
1.9 Timing Diagram
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Current Limit
AC/DC Configuration
IF=5mA, VL=±4V, t=2ms
ILMT
470
614
900
mAP
DC-Only Configuration
IF=5mA, VL=4V, t=2ms
1.0
1.2
1.5
A
On-Resistance
AC/DC Configuration
IF=5mA, IL=100mA
RON
-3.9
5.6
Ω
DC-Only Configuration
-
1.09
1.4
Off-State Leakage Current
VL=60V
ILEAK
--
1
μA
Switching Speeds
Turn-On
IF=5mA, IL=100mA, VL=10V
tON
-18
100
μs
Turn-Off
tOFF
40
88
400
Output Capacitance, AC Configuration
IF=0mA, VL=1.0V
CO
-220
-
pF
Thermal Shutdown
TSD
130
°C
Input Characteristics @ 25°C
Input Control Current
IL=100mA
IF
--
1.1
mA
Input Dropout Current
IL=100mA
IF
0.1
0.43
-
LED Forward Voltage
IF=5mA
VF
0.9
1.22
1.40
V
Common Characteristics @ 25°C
Input to Output Capacitance
-
CI/O
-3-
pF
Thermal Characteristics
Thermal Resistance, Junction-to-Ambient
-
RθJA
-114
-
°C/W
Switching Time Test Circuit
Pulse Width=5ms
Duty Cycle=50%
C+
C-
2
3
8
7
6
5
I
F
+/- Supply
+/-
Z
LOAD
+/- Supply
+/-
V
L
V
L
I
F
10%
90%
t ON
t OFF
V
L
t
F
t
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com