Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1560GS Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1560GS
Description  Solid State Relay with Integrated Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1560GS Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1560GS Datasheet HTML 1Page - Clare, Inc. CPC1560GS Datasheet HTML 2Page - Clare, Inc. CPC1560GS Datasheet HTML 3Page - Clare, Inc. CPC1560GS Datasheet HTML 4Page - Clare, Inc. CPC1560GS Datasheet HTML 5Page - Clare, Inc. CPC1560GS Datasheet HTML 6Page - Clare, Inc. CPC1560GS Datasheet HTML 7Page - Clare, Inc. CPC1560GS Datasheet HTML 8Page - Clare, Inc. CPC1560GS Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CPC1560
4
PRELIMINARY
R00F
1.5 Recommended Operating Conditions
1 Maximum load inductance corresponds to a maximum load capacitance. If a
TVS or other protection method is used, then no maximum load inductance
applies.
1.6 Typical Configurations
Parameter
Symbol
Configuration
Min
Typ
Max
Units
Load Current, Continuous
AC/DC Configuration
IL
AC/DC
-
-
300
mArms/
mADC
DC-Only Configuration
DC-Only
-
-
600
mADC
Input Control Current
IF
-2.5
-
10
mA
Load Voltage
VL
-10
-
-
V
External Storage Capacitor
CEXT
-2
-
6
nF
Load Inductance 1
LLOAD,AC
AC/DC
-
-
3.0
mH
LLOAD,DC
DC-Only
-
-
1.75
Operating Temperature
TA
-40
-
+85
°C
C+
C-
2
3
8
7
6
5
+V
Control
Logic
+/- Supply
+/-
Z
LOAD
+/- Supply
+/-
V
L
AC/DC Application
DC-Only Application
C+
C-
2
3
8
7
6
5
+V
Control
Logic
+
Z
LOAD
+ Supply
- Supply
-
V
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com