Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1560GS Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1560GS
Description  Solid State Relay with Integrated Current Limit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1560GS Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1560GS Datasheet HTML 1Page - Clare, Inc. CPC1560GS Datasheet HTML 2Page - Clare, Inc. CPC1560GS Datasheet HTML 3Page - Clare, Inc. CPC1560GS Datasheet HTML 4Page - Clare, Inc. CPC1560GS Datasheet HTML 5Page - Clare, Inc. CPC1560GS Datasheet HTML 6Page - Clare, Inc. CPC1560GS Datasheet HTML 7Page - Clare, Inc. CPC1560GS Datasheet HTML 8Page - Clare, Inc. CPC1560GS Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DS-CPC1560 - R00F
PRELIMINARY
1
RoHS
2002/95/EC
e3
Pb
Features
• Fast Turn-On
• Built-In Active Current Limit Protection
• Thermal Shutdown
• Linear AC or DC Operation
• Low Power Consumption
• Clean, Bounce-Free Switching
• High Surge Capability
• Low Power Drive Requirements
• Surface Mount Version Available
• Tape & Reel Packaging Available
Applications
• Instrumentation
• Automatic Tuning/Balancing
• Analog Multiplex
• Peripherals
• Automatic Tuning/Balancing
• Transducer Driver
• Security
• Medical Equipment
Approvals
• UL 508 Approved Component: File # E69938
Description
The CPC1560 is a 1-Form-A (Single Pole, Normally
Open) optically isolated MOSFET switch that provides
fast turn-on of loads up to 600mADC in a DC-Only
configuration, 300mArms in an AC/DC configuration;
active current-limit circuitry; and 3750Vrms of I/O
isolation.
Fast turn-on is accomplished with the use of an
external charge storage capacitor that provides the
necessary charge required by the internal switching
MOSFETs. The device charges this capacitor, through
bootstrap diodes, from the load voltage, thereby
alleviating the need for an additional power supply.
The CPC1560 incorporates thermal shutdown
circuitry for improved survivability in harsh
environments, and is designed to pass regulatory
voltage surge requirements when provided with
appropriate over-voltage protection circuitry.
Designed specifically for environmentally demanding
AC or DC applications, where printed circuit board
space is at a premium and additional power supplies
are not available, the CPC1560 is an ideal solution.
Ordering Information
Figure 1. CPC1560 Block Diagram
Part
Description
CPC1560G
8-Pin, DIP Through-Hole (50/Tube)
CPC1560GS
8-Pin, Surface Mount (50/Tube)
CPC1560GSTR
8-Pin, Surface Mount (1000/Reel)
OUTPUT
OUTPUT
C+
Current
Limit
Control
C-
LED+
LED-
NC
NC
2
3
1
4
8
7
6
5
CPC1560
Solid State Relay with Integrated Current Limit


Similar Part No. - CPC1560GS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CPC1560GS LITTELFUSE-CPC1560GS Datasheet
328Kb / 15P
60V, 300mA, High Speed Normally Open Relay
11/18/2025
CPC1560GSTR LITTELFUSE-CPC1560GSTR Datasheet
328Kb / 15P
60V, 300mA, High Speed Normally Open Relay
11/18/2025
More results

Similar Description - CPC1560GS

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
Clare, Inc.
CPC1510 CLARE-CPC1510 Datasheet
182Kb / 5P
1-Form-A Solid State Relay with Integrated Current Limit
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
celduc-relais
SOR86707WF CELDUC-SOR86707WF Datasheet
590Kb / 6P
Power Solid State Relay with integrated heatsink
logo
Solid State Optronic
AD2C111-L SSOUSA-AD2C111-L Datasheet
249Kb / 5P
Solid State Relay with Current Limiting
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
logo
Semtech Corporation
TS13103 SEMTECH-TS13103 Datasheet
714Kb / 16P
Solid State Relay with Diagnostics
logo
IXYS Corporation
CPC1510 IXYS-CPC1510 Datasheet
124Kb / 7P
Single-Pole, Normally Open Relay with Integrated Current Limit
logo
Crydom Inc.,
DP1210 CRYDOM-DP1210 Datasheet
297Kb / 3P
Integrated Circuit Solid-State Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com