Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7263E Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE7263E
Description  Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7263E Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE7263E Datasheet HTML 35Page - Infineon Technologies AG TLE7263E Datasheet HTML 36Page - Infineon Technologies AG TLE7263E Datasheet HTML 37Page - Infineon Technologies AG TLE7263E Datasheet HTML 38Page - Infineon Technologies AG TLE7263E Datasheet HTML 39Page - Infineon Technologies AG TLE7263E Datasheet HTML 40Page - Infineon Technologies AG TLE7263E Datasheet HTML 41Page - Infineon Technologies AG TLE7263E Datasheet HTML 42Page - Infineon Technologies AG TLE7263E Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
TLE 7263E
Electrical Characteristics
Data Sheet
39
Rev. 1.51, 2007-06-22
CAN Bus Transmitter
CANL/CANH recessive
output voltage
V
CANL/H
2.0
–
3.0
V
no load
CANH, CANL recessive
output voltage
difference
V
diff = VCANH - VCANL
V
diff
-500
–
50
mV
V
TxD = VCC1;
no load
CANL dominant output
voltage
V
CANL
0.5
–
2.25
V
V
TxD = 0 V;
V
CC2 = 5 V
CANH dominant output
voltage
V
CANH
2.75
–
4.5
V
V
TxD = 0 V;
V
CC2 = 5 V
CANH, CANL dominant
output voltage
difference
V
diff = VCANH - VCANL
V
diff
1.5
–
3.0
V
V
TxD = 0 V;
V
CC2 = 5 V
CANH short circuit
current
I
CANHsc
-200
-80
-50
mA
V
CANHshort = 0 V
CANL short circuit
current
I
CANLsc
50
80
200
mA
V
CANLshort = 18 V
Leakage current
I
CANH,lk
I
CANL,lk
–25
–
µA
V
S = VCC2 = 0 V;
0 V <
V
CANH,L< 5 V
Split Termination Output; Pin SPLIT
Split output voltage
V
SPLIT
0.3
×
V
CC2
0.5
×
V
CC2
0.7
×
V
CC2
V
normal mode;
-500
µA < I
SPLIT <
500
µA
Leakage current
I
SPLIT
-5
0
5
µA
standby mode;
-22 V <
V
SPLIT < 35 V
SPLIT output resistance
R
SPLIT
–600
–
Ω
–
Table 13
Electrical Characteristics (cont’d)
V
S = 13.5 V; ICC1 = 1 mA; 4.9 V < VCC1/2 < 5.1 V; SBC Active Mode; all outputs open;
-40
°C < Tj < 150 °C (max. 125 °C for CAN circuit characteristics); all voltages with
respect to ground; positive current defined flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com