Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7263E Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE7263E
Description  Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7263E Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE7263E Datasheet HTML 1Page - Infineon Technologies AG TLE7263E Datasheet HTML 2Page - Infineon Technologies AG TLE7263E Datasheet HTML 3Page - Infineon Technologies AG TLE7263E Datasheet HTML 4Page - Infineon Technologies AG TLE7263E Datasheet HTML 5Page - Infineon Technologies AG TLE7263E Datasheet HTML 6Page - Infineon Technologies AG TLE7263E Datasheet HTML 7Page - Infineon Technologies AG TLE7263E Datasheet HTML 8Page - Infineon Technologies AG TLE7263E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
TLE 7263E
Pin Configuration
Data Sheet
5
Rev. 1.51, 2007-06-22
Table 1
Pin Definitions and Functions
Pin
Symbol Function
9
10
11
12
MON1,
MON2,
MON3,
MON4
Monitoring / Wake-Up Inputs; bi level sensitive inputs used
to monitor signals coming from, for example, an external
switch panel; also used as wake-up input during cyclic
sensing in low power modes (MON4 is exempted from
“cyclic sense” as this input is permanently active)
8
V
S
Power Supply Input; block to GND directly at the IC with
ceramic capacitor; (ferrite recommended for better EMC
behavior)
15
V
CC1
Voltage Regulator Output (V1); 5 V supply; to stabilize
block to GND with an external capacitor
C
Q ≥ 10 µF,
ESR < 6
Ω
16
V
CC2
Voltage Regulator Output (V2); 5 V supply; to stabilize
block to GND with an external capacitor
C
Q ≥ 10 µF,
ESR < 6
Ω
32
WKO
Wake-Up Event Output; indicates wake up via monitoring
inputs, CAN or LIN during Sleep or Stop Mode; active low;
wake up sets device to Standby Mode
33
FSO
Fail Safe Output; to supervise and control critical
applications, high when watchdog is correctly served, low at
any reset condition; active low
26
RO
Reset Output; open drain output, integrated pull-up,
active low
13
SI
Sense Comparator Input; for monitoring of external
voltages, to program the detection level connect external
voltage divider
17
INT
Interrupt Output; output to monitor sense comparator input
condition; input for enabling the Flash Programming Mode
(voltage to be applied > 7 V)
5MTS
Master Termination Switch; output used to turn-on the
termination/pull-up resistor of a LIN master
34
RxDLIN
LIN Transceiver Data Output; according to the ISO 9141
and LIN specification 1.3 and 2.0; push-pull output; LOW in
dominant state
35
TxDLIN
LIN Transceiver Data Input; according to ISO 9141 and
LIN specification 1.3 and 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com