Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7263E Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7263E
Description  Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7263E Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7263E Datasheet HTML 17Page - Infineon Technologies AG TLE7263E Datasheet HTML 18Page - Infineon Technologies AG TLE7263E Datasheet HTML 19Page - Infineon Technologies AG TLE7263E Datasheet HTML 20Page - Infineon Technologies AG TLE7263E Datasheet HTML 21Page - Infineon Technologies AG TLE7263E Datasheet HTML 22Page - Infineon Technologies AG TLE7263E Datasheet HTML 23Page - Infineon Technologies AG TLE7263E Datasheet HTML 24Page - Infineon Technologies AG TLE7263E Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
TLE 7263E
Features
Data Sheet
21
Rev. 1.51, 2007-06-22
4.11
SPI (Serial Peripheral Interface)
The 16-bit wide Programming or Input Word (see Table 3) is read in via the data input
DI, which is synchronized with the clock input CLK supplied by the
µC. The Diagnosis or
Output Word appears synchronously at the data output DO (see Figure 10).
The transmission cycle begins when the chip is selected by the Chip Select Not input
CSN (“low” active). After the CSN input returns from L to H, the word that has been read
in becomes the new control word. The DO output switches to tristate status at this point,
thereby releasing the DO bus for other usage.
The state of DI is shifted into the input register with every falling edge on CLK. The state
of DO is shifted out of the output register after every rising edge on CLK. The number of
received input clocks is supervised by a modulo-16 operation and the Input / Control
Word is discarded in case of a mismatch. This error is flagged by the WKO set to “low”
and in the following SPI output by a “high” at the data output (DO pin) before the first
rising edge of the clock is received.
Figure 11
16-Bit SPI Input Data / Control Word
15 14 13 12 11 10
8
9
7
6
5
4
3
2
0
1
Mode Selection
Bits
Configuration
Select
Configuration Registers
OUTHS
On/Off
WD
On/Off
Input
Data
Active
Active
LIN Sleep
Sleep
Reserved
000
001
010
011
100
101
00
10
Reset
Thres.
Reset
Delay
Window Watchdog Timing
Bit Position: 10 .. 5
MON2
On/Off
MON3
On/Off
MON4
On/Off
110
111
11
01
LIN
10.4k
MON1
On/Off
Res.
Reserved
(Watchdog Trigger Register)
SI
On/Off
V
CC2
On/off
Cyclic Sense / Wake Timing
Bit Position: 9 .. 5
0
SPI_Bit_Settings
not valid
LIN RxD Only
Stop
LSB
MSB
MS0
MS1
MS2
CS0
CS1
CTM
On/Off
Select
OUTHS
„off“
OUTHS
On-Time
Cyclic
Sense /
Wake
Active
CAN Sleep
CAN RxD Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com