Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7263E Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE7263E
Description  Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7263E Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE7263E Datasheet HTML 1Page - Infineon Technologies AG TLE7263E Datasheet HTML 2Page - Infineon Technologies AG TLE7263E Datasheet HTML 3Page - Infineon Technologies AG TLE7263E Datasheet HTML 4Page - Infineon Technologies AG TLE7263E Datasheet HTML 5Page - Infineon Technologies AG TLE7263E Datasheet HTML 6Page - Infineon Technologies AG TLE7263E Datasheet HTML 7Page - Infineon Technologies AG TLE7263E Datasheet HTML 8Page - Infineon Technologies AG TLE7263E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
Type
Package
Marking
TLE 7263E
PG-DSO-36-24
Integrated HS-CAN, LIN, LDO and HS Switch
System Basis Chip
TLE 7263E
Data Sheet
2
Rev. 1.51, 2007-06-22
PG-DSO-36-24
1Overview
Features
•
Two Low Drop Voltage Regulators
•
Window watchdog
•
Standard 16-bit SPI-interface
•
Supports
µController Stop Mode
•
Sleep Mode (50µA)
•VBAT Monitoring and fail-safe output
•
Overtemperature and short circuit protection
•
Power on and undervoltage reset generator
•
High side switch, 150 mA
•
4 Monitoring / wake-up inputs
•
Exposed Pad Package
•
AEC Qualified
•
Green (RoHS Compliant) product
HS CAN Transceiver
•
CAN data transmission rate up to 1 MBaud
•
Low power mode management
•
Supports sleep and receive-only modes
•
Bus wake-up capability via CAN message
•
Bus pins are short circuit proof to ground and battery voltage
LIN Transceiver
•
Single-wire transceiver
•
Transmission rate up to 20 kBaud
•
Compatible to LIN specification 1.3 and 2.0
•
Very low current consumption in Sleep Mode
•
Short circuit proof to GND and battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com