Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7263E Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE7263E
Description  Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7263E Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE7263E Datasheet HTML 18Page - Infineon Technologies AG TLE7263E Datasheet HTML 19Page - Infineon Technologies AG TLE7263E Datasheet HTML 20Page - Infineon Technologies AG TLE7263E Datasheet HTML 21Page - Infineon Technologies AG TLE7263E Datasheet HTML 22Page - Infineon Technologies AG TLE7263E Datasheet HTML 23Page - Infineon Technologies AG TLE7263E Datasheet HTML 24Page - Infineon Technologies AG TLE7263E Datasheet HTML 25Page - Infineon Technologies AG TLE7263E Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
Data Sheet
22
Rev. 1.51, 2007-06-22
TLE 7263E
Features
Table 3
SPI Input Data Bits
IBIT
Input Data
0 … 2
Mode Selection
3 … 4
Configuration Selection (determine meaning of “Configuration Setting Bits”)
5 … 13
Configuration Settings (meaning based on “Configuration Selection Bits”)
14
V
CC2 Activation (power saving modes only)
15
Window Watchdog “on”/“off” (power saving modes only)
Table 4
Mode Selection Bits
MS2
MS1
MS0
Mode Selection: SBC Mode
0
0
0
“reserved” / not valid
0
0
1
SBC Active Mode: “CAN Sleep”
0
1
0
SBC Active Mode: “LIN Sleep”
0
1
1
SBC Active Mode (CAN & LIN “on”)
1
0
0
SBC Sleep (CAN, LIN & VReg “off”)
1
0
1
SBC Active mode : CAN Transceiver: RxD-Only
1
1
0
SBC Active mode : LIN Transceiver: RxD-Only
1
1
1
SBC Stop Mode (CAN & LIN “off”)
Table 5
Configuration Selection Bits
CS1
CS0
Configuration Selection
0
0
General Configuration
0
1
Integrated Switch Configuration
1
0
Cyclic Sense / Wake Configuration
1
1
Window Watchdog Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com