Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7809G Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 35Page - Infineon Technologies AG TLE7809G Datasheet HTML 36Page - Infineon Technologies AG TLE7809G Datasheet HTML 37Page - Infineon Technologies AG TLE7809G Datasheet HTML 38Page - Infineon Technologies AG TLE7809G Datasheet HTML 39Page - Infineon Technologies AG TLE7809G Datasheet HTML 40Page - Infineon Technologies AG TLE7809G Datasheet HTML 41Page - Infineon Technologies AG TLE7809G Datasheet HTML 42Page - Infineon Technologies AG TLE7809G Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Data Sheet
39
Rev. 3.01, 2008-04-15
TLE7809G
General Product Characteristics
16.4.65
Switch ON overcurrent
shutdown blanking time
t
blank_ON
_SUPPLY
60
–
140
μs–
16.4.66
Shutdown filter time
t
dSDHSUPPLY
10
18
26
μs
overcurrent will be
indicated/shutdown will be
initiated after continuous
detection of overcurrent
condition
16.4.67
Thermal shutdown temp.
T
jSD_SUPPLY
155
175
200
°C
1)
16.4.68
Thermal shutdown temp.
hysteresis
T
jSD
_SUPPLY_hys
10
15
–
K
1)
LED Driver (HS-LED)
16.4.69
Static Drain-Source
ON-Resistance
R
DSONHS_LED ––
20.0
Ω
T
J = 125°C;
I
HS-LED =-45 mA
–8.5
–
Ω
T
J =25°C;
I
HS-LED =-45 mA
16.4.70
Leakage current
I
HS_LED
-5
–
–
μA
V
HS_LED = 0 V
16.4.71
Switch ON time
t
ONHS_LED
––
100
μs
CSN high to HS_LED on
16.4.72
Switch OFF time
t
OFFHS_LED
––
100
μs
CSN high to HS_LED off
16.4.73
Overcurrent shutdown
threshold
I
SDHS_LED
-120
-80
-50
mA
–
16.4.74
Overcurrent shutdown
filter time
t
dSDHS_LED
10
18
26
μs
overcurrent will be
indicated/shutdown will be
initiated after continuous
detection of overcurrent
condition
16.4.75
Thermal shutdown temp.
T
jSDHS_LED
155
175
200
°C
1)
16.4.76
Thermal shutdown temp.
hysteresis
T
jSDHS_hys
–10
–
K
1)
LIN Bus Receiver
16.4.77
Receiver threshold
voltage, recessive to
dominant edge
V
bus,rd
0.42
×
V
S
0.48
×
V
S
–V
–
16.4.78
Receiver dominant state
V
busdom
–
–
0.42
×
V
S
V
(LIN Spec 1.3 (2.0);
Line 10.1.9 (3.1.9))
16.4.79
Receiver threshold
voltage, dominant to
recessive edge
V
bus,dr
–0.52
×
V
S
0.58
×
V
S
V
V
bus,rec < Vbus < 27 V
16.4.80
Receiver recessive state
V
busrec
0.58
×
V
S
–
–
V
(LIN Spec 1.3 (2.0);
Line 10.1.10 (3.1.10))
16.4.81
Receiver center voltage
V
buscent
0.475
× V
S
0.5
×
V
S
0.525
× V
S
V
(LIN Spec 1.3 (2.0);
Line 10.1.11 (3.1.11))
Table 14
Electrical Characteristics (cont’d)
V
S = 13.5 V, Tj = -40 °C to +125 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com