Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7809G Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 18Page - Infineon Technologies AG TLE7809G Datasheet HTML 19Page - Infineon Technologies AG TLE7809G Datasheet HTML 20Page - Infineon Technologies AG TLE7809G Datasheet HTML 21Page - Infineon Technologies AG TLE7809G Datasheet HTML 22Page - Infineon Technologies AG TLE7809G Datasheet HTML 23Page - Infineon Technologies AG TLE7809G Datasheet HTML 24Page - Infineon Technologies AG TLE7809G Datasheet HTML 25Page - Infineon Technologies AG TLE7809G Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
TLE7809G
SPI (Serial Peripheral Interface)
Data Sheet
22
Rev. 3.01, 2008-04-15
Table 7
Cyclic Wake Period Settings (Stop Mode only)
T4
T3
T2
T1
T0
Cyclic Wake Period
0
000
0Cyclic Wake “off”
0
000
116 ms
0
001
032 ms
0
001
148 ms
0
010
064 ms
0
010
180 ms
0
011
096 ms
…
………
…… ms
1
111
1496 ms
Table 8
Window Watchdog Reset Period Settings
T5
T4
T3
T2
T1
T0
Window Watchdog
Reset Period
0
0
0
0
0
0
“not a valid selection”
0
000
0116 ms
0
000
1032 ms
0
000
1148 ms
0
001
0064 ms
0
001
0180 ms
0
001
1096 ms
…
………
……… ms
1
111
111008 ms
Table 9
SPI Output Data
Pos.
Output Data1)
Output Data after Wake-up2)
0
V
CC Temperature Prewarning
V
CC Temperature Prewarning
1
HS-LED fail (OC / OT)
HS-LED fail (OC / OT)
2
V
INT-Fail (“active low”)
V
INT-Fail (“active low”)
3
LS1/2 (OC / OT)
LS1/2 (OC / OT)
4
Window Watchdog Reset
Window Watchdog Reset
5
MON1 Logic Input Level
Wake-Up via MON1
6
MON2 Logic Input Level
Wake-Up via MON2
7
MON3 Logic Input Level
Wake-Up via MON3
8
MON4 Logic Input Level
Wake-Up via MON4
9
MON5 Logic Input Level
Wake-Up via MON5
10
“reserved” / not used
“reserved” / not used
11
LIN Failure
Bus Wake-Up via LIN Msg.
12
V
bat Range 1 (UV)
3) [only “SBC Active Mode”]
End of Cyclic Wake Period
13
V
bat Range 2 (OV) [only “SBC Active Mode”]
“low”4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com