Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7809G Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 9Page - Infineon Technologies AG TLE7809G Datasheet HTML 10Page - Infineon Technologies AG TLE7809G Datasheet HTML 11Page - Infineon Technologies AG TLE7809G Datasheet HTML 12Page - Infineon Technologies AG TLE7809G Datasheet HTML 13Page - Infineon Technologies AG TLE7809G Datasheet HTML 14Page - Infineon Technologies AG TLE7809G Datasheet HTML 15Page - Infineon Technologies AG TLE7809G Datasheet HTML 16Page - Infineon Technologies AG TLE7809G Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Data Sheet
13
Rev. 3.01, 2008-04-15
TLE7809G
Operating Modes
4.5.2
SBC Stop Mode
The SBC Stop Mode has the advantage of reducing the current consumption to a minimum, while supplying the
microcontroller with its quiescent current during its power saving mode (“Stop”). This mode is entered via SPI
command, and turns-off the integrated bus transceivers and respective termination, but the voltage regulator for
the microcontroller supply remains active. A microcontroller in a power saving mode has the advantage over a
turned-off microcontroller to have a reduced reaction time upon a wake-up event.
A voltage level change at the monitoring/wake-up pins will, in contrast to the behavior in Sleep Mode, generate a
signal that indicates the wake-up event at the microcontroller in Power-Down Mode. This is realized via an
interconnect from the SPI of the SBC [DO] to the microcontroller [P1.4]. In case the wake-up event was a LIN
message, the respective RxD pin of the SBC and the SPI Data Out [DO] will be pulled “low”. RxD is pulled “low”
until mode switch, while DO stays “low” for two internal SBC cycles. (The microcontroller itself has to take care of
switching SBC modes after a wake-up event notification (see Figure 7).)
Note: The window watchdog is automatically disabled once the LDO output current goes below a specified
“watchdog current threshold”, unless the SPI setting “WD On/Off” prevents this (see Figure 10, Watchdog
disable current threshold, Table 14 and “Window Watchdog Reset Period Settings” on Page 22).
Note: If the Window Watchdog was not enabled in Stop Mode the Window Watchdog starts after wake-up with a
“long open window” in SBC Standby Mode.
Figure 7
State Diagram “SBC Stop Mode”
Start Up
Power Up
SBC Active Mode
MS2
ON
Vcc
MS1
01
MS0
0 / 1
SBC Stop Mode
MS2
ON
Vcc
MS1
11
MS0
1
„single“ µController SPI -Command :
- select SBC Stop Mode via SPI Mode Bits
- window watchdog activation / deactivation via SPI
[„off“ once current consumption below threshold ]
transition caused by :
- event at MONx inputs
- LIN message
[SPI indicates source]
wake event notification [to µC]:
- LIN msg. => RxD + DO („low“)
- MONx => DO („low“)
SBC Standby Mode
ON
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com